Electronic Components Datasheet Search
  English  ▼

X  

AD8309 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8309
Description  5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8309 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8309 Datasheet HTML 2Page - Analog Devices AD8309 Datasheet HTML 3Page - Analog Devices AD8309 Datasheet HTML 4Page - Analog Devices AD8309 Datasheet HTML 5Page - Analog Devices AD8309 Datasheet HTML 6Page - Analog Devices AD8309 Datasheet HTML 7Page - Analog Devices AD8309 Datasheet HTML 8Page - Analog Devices AD8309 Datasheet HTML 9Page - Analog Devices AD8309 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. B
AD8309
–6–
FREQUENCY – MHz
25
15
1
24
23
22
21
20
19
18
17
16
10
100
1000
Figure 13. RSSI Slope vs. Frequency Using Termination of
52.3
Ω in Series with 4.7 nH
2ns PER HORIZONTAL DIVISION
LIMITER OUTPUTS
100mV PER VERTICAL DIVISION
2mV PER VERTICAL DIVISION
Figure 14. Limiter Output at 300 MHz for a Sine Wave
Input of –60 dBV (–47 dBm), Using an RLOAD of 50 Ω and an
RLIM of 100
Ω
12.5ns PER HORIZONTAL
DIVISION
1mV PER VERTICAL DIVISION
LIMITER OUTPUTS
50mV PER VERTICAL DIVISION
INPUT
LMLO
LMHI
Figure 15. Limiter Response at LMHI, LMLO with Pulsed
Sine Input of –70 dBV (–57 dBm) at 50 MHz; RLOAD = 50 Ω,
RLIM = 200
Ω
FREQUENCY – MHz
–103
–113
1
–104
–105
–106
–107
–108
–109
–110
–111
–112
10
100
1000
Figure 16. RSSI Intercept vs. Frequency Using Termina-
tion of 52.3
Ω in Series with 4.7 nH
RLIM –
12
0
10
8
6
4
2
0
100
200
300
400
450
LIMITER OUTPUT CURRENT
ADDITIONAL SUPPLY CURRENT
150
250
350
50
14
Figure 17. Additional Supply Current and Limiter Out-
put Current vs. RLIM
INPUT LEVEL – dBm Re 50
10
–60
8
6
4
2
0
–10
–50
–30
–20
–10
10
–2
–4
–6
–8
–40
0
TA = +85 C
TA = +25 C
TA = –40 C
Figure 18. Normalized Limiter Phase Response vs. Input
Level. Frequency = 100 MHz; TA = –40°C, +25°C and +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com