Electronic Components Datasheet Search
  English  ▼

X  

AD8309 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8309
Description  5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8309 Datasheet(HTML) 1 Page - Analog Devices

  AD8309 Datasheet HTML 1Page - Analog Devices AD8309 Datasheet HTML 2Page - Analog Devices AD8309 Datasheet HTML 3Page - Analog Devices AD8309 Datasheet HTML 4Page - Analog Devices AD8309 Datasheet HTML 5Page - Analog Devices AD8309 Datasheet HTML 6Page - Analog Devices AD8309 Datasheet HTML 7Page - Analog Devices AD8309 Datasheet HTML 8Page - Analog Devices AD8309 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8309
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
5 MHz–500 MHz 100 dB Demodulating
Logarithmic Amplifier with Limiter Output
FUNCTIONAL BLOCK DIAGRAM
12dB
LIM
DET
12dB
DET
DET
4
DET
LADR ATTEN
INHI
INLO
I-V
BIAS
CTRL
TEN DETECTORS SPACED 12dB
INTERCEPT
TEMP COMP
BAND-GAP
REFERENCE
ENBL
GAIN
BIAS
LMHI
LMLO
LMDR
VLOG
FLTR
SIX STAGES TOTAL GAIN 72dB
TYP GAIN 18dB
SLOPE
BIAS
12dB
FEATURES
Complete Multistage Log-Limiting IF Amplifier
100 dB Dynamic Range: –78 dBm to +22 dBm (Re 50
)
Stable RSSI Scaling Over Temperature and Supplies:
20 mV/dB Slope, –95 dBm Intercept
0.4 dB RSSI Linearity up to 200 MHz
Programmable Limiter Gain and Output Current
Differential Outputs to 10 mA, 2.4 V p-p
Overall Gain 100 dB, Bandwidth 500 MHz
Constant Phase (Typical
80 ps Delay Skew)
Single Supply of +2.7 V to +6.5 V at 16 mA Typical
Fully Differential Inputs, RIN = 1 k , CIN = 2.5 pF
500 ns Power-Up Time, <1
A Sleep Current
APPLICATIONS
Receivers for Frequency and Phase Modulation
Very Wide Range IF and RF Power Measurement
Receiver Signal Strength Indication (RSSI)
Low Cost Radar and Sonar Signal Processing
Instrumentation: Network and Spectrum Analyzers
PRODUCT DESCRIPTION
The AD8309 is a complete IF limiting amplifier, providing both
an accurate logarithmic (decibel) measure of the input signal
(the RSSI function) over a dynamic range of 100 dB, and a
programmable limiter output, useful from 5 MHz to 500 MHz.
It is easy to use, requiring few external components. A single
supply voltage of +2.7 V to +6.5 V at 16 mA is needed, corre-
sponding to a power consumption of under 50 mW at 3 V, plus
the limiter bias current, determined by the application and
typically 2 mA, providing a limiter gain of 100 dB when using
200
Ω loads. A CMOS-compatible control interface can enable
the AD8309 within about 500 ns and disable it to a standby
current of under 1
µA.
The six cascaded amplifier/limiter cells in the main path have a
small signal gain of 12.04 dB (
×4), with a –3 dB bandwidth of
850 MHz, providing a total gain of 72 dB. The programmable
output stage provides a further 18 dB of gain. The input is fully
differential and presents a moderately high impedance (1 k
Ω in
parallel with 2.5 pF). The input-referred noise-spectral-density,
when driven from a terminated 50
Ω, source is 1.28 nV/√Hz,
equivalent to a noise figure of 3 dB. The sensitivity of the
AD8309 can be raised by using an input matching network.
Each of the main gain cells includes a full-wave detector. An
additional four detectors, driven by a broadband attenuator, are
used to extend the top end of the dynamic range by over 48 dB.
The overall dynamic range for this combination extends from
–91 dBV (–78 dBm at the 50
Ω level) to a maximum permissible
value of +9 dBV, using a balanced drive of antiphase inputs each
of 2 V in amplitude, which would correspond to a sine wave
power of +22 dBm if the differential input were terminated in
50
Ω. The slope of the RSSI output is closely controlled to
20 mV/dB, while the intercept is set to –108 dBV (–95 dBm
re 50
Ω). These scaling parameters are determined by a band-
gap voltage reference and are substantially independent of tem-
perature and supply. The logarithmic law conformance is typically
within
±0.4 dB over the central 80 dB of this range at any fre-
quency between 10 MHz and 200 MHz, and is degraded only
slightly at 500 MHz.
The RSSI response time is nominally 67 ns (10%–90%). The
averaging time may be increased without limit by the addition of
an external capacitor. The full output of 2.34 V at the maximum
input of +9 dBV can drive any resistive load down to 50
Ω and
this interface remains stable with any value of capacitance on
the output.
The AD8309 is fabricated on an advanced complementary
bipolar process using silicon-on-insulator isolation techniques
and is available in the industrial temperature range of –40
°C to
+85
°C, in a 16-lead TSSOP package.


Similar Part No. - AD8309

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8309 AD-AD8309 Datasheet
315Kb / 20P
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309 AD-AD8309 Datasheet
426Kb / 24P
Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. F
AD8309-EVAL AD-AD8309-EVAL Datasheet
315Kb / 20P
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8309-EVALZ AD-AD8309-EVALZ Datasheet
315Kb / 20P
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309ARU AD-AD8309ARU Datasheet
315Kb / 20P
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
More results

Similar Description - AD8309

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD606 AD-AD606 Datasheet
448Kb / 12P
50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
AD640 AD-AD640 Datasheet
278Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV.C
AD641 AD-AD641 Datasheet
256Kb / 16P
250 MHz Demodulating Logarithmic Amplifier
REV.C
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD606 AD-AD606_15 Datasheet
452Kb / 12P
50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD640 AD-AD640_15 Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD641 AD-AD641_15 Datasheet
260Kb / 16P
250 MHz Demodulating Logarithmic Amplifier
REV. C
AD8309 AD-AD8309_15 Datasheet
315Kb / 20P
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD641 AD-AD641_16 Datasheet
320Kb / 17P
250 MHz Demodulating Logarithmic Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com