Electronic Components Datasheet Search
  English  ▼

X  

ADM1026 Datasheet(PDF) 44 Page - Analog Devices

Part # ADM1026
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1026 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADM1026 Datasheet HTML 40Page - Analog Devices ADM1026 Datasheet HTML 41Page - Analog Devices ADM1026 Datasheet HTML 42Page - Analog Devices ADM1026 Datasheet HTML 43Page - Analog Devices ADM1026 Datasheet HTML 44Page - Analog Devices ADM1026 Datasheet HTML 45Page - Analog Devices ADM1026 Datasheet HTML 46Page - Analog Devices ADM1026 Datasheet HTML 47Page - Analog Devices ADM1026 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
ADM1026
Rev. A | Page 44 of 56
Table 42. Register 1Dh, Mask Register 6 (Power-On Default 00h)
Bit
Name
R/W
Description
0
GPIO8 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO8 channel are masked out.
1
GPIO9 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO9 channel are masked out.
2
GPIO10 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO10 channel are masked out.
3
GPIO11Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO11 channel are masked out.
4
GPIO12 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO12 channel are masked out.
5
GPIO13 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO13 channel are masked out.
6
GPIO14 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO14 channel are masked out.
7
GPIO15 Mask = 0
R/W
When this bit is set, interrupts generated on the GPIO15 channel are masked out.
Table 43. Register 1Eh, INT Temp Offset (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
Int Temp Offset
R/W
This register contains the offset value for the internal temperature channel, a twos complement
result before it is stored or compared to limits. In this way, a sort of one-point calibration can be
done whereby the whole transfer function of the channel can be moved up or down. From a
software point of view, this may be a very simple method to vary the characteristics of the
measurement channel if the thermal characteristics change for any reason (for instance from one
chassis to another), if the measurement point is moved, if a plug-in card is inserted or removed, and
so on.
Table 44. Register 1Fh, INT Temp Measured Value (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
Int Temp Value
R
This register contains the measured value of the internal temperature channel.
Table 45. Register 20h, Status Register 1 (Power-On Default 00h)
Bit
Name
R/W
Description
0
Ext1 Temp Status = 0
R
1, if Ext1 value is above the high limit or below the low limit on the previous conversion cycle;
0 otherwise. This bit is set (once only) if a THERM mode is engaged as a result of Ext1 temp readings
exceeding the Ext1 THERM limit. This bit is also set (once only) if THERM mode is disengaged as a
result of Ext1 temperature readings going 5°C below Ext1 THERM limit.
1
Ext2 Temp Status = 0
R
1, if Ext 2 value (or AIN9 if in voltage measurement mode) is above the /AIN9 status = 0 high limit or
below the low limit on the previous conversion cycle; 0 otherwise. This bit is set (once only) if a
THERM mode is engaged as a result of Ext2 temperature readings exceeding the Ext2 THERM limit.
This bit is also set (once only) if THERM mode is disengaged as a result of Ext2 temperature readings
going 5°C below Ext2 THERM limit.
2
3.3 V STBY Status = 0
R
1, if 3.3 V STBY value is above the high limit or below the low limit on the previous conversion cycle;
0 otherwise.
3
3.3 V MAIN Status = 0
R
1, if 3.3 V MAIN value is above the high limit or below the low limit on the previous conversion
cycle; 0 otherwise.
4
+5 V Status = 0
R
1, if +5 V value is above the high limit or below the low limit on the previous conversion cycle;
0 otherwise.
5
VCCP Status = 0
R
1, if VCCP value is above the high limit or below the low limit on the previous conversion cycle;
0 otherwise.
6
+12 V Status = 0
R
1, if +12 V value is above the high limit or below the low limit on the previous conversion cycle;
0 otherwise.
7
−12 V Status = 0
R
1, if
−12 V value is above the high limit or below the low limit on the previous conversion cycle;
0 otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com