Electronic Components Datasheet Search
  English  ▼

X  

ADM1026 Datasheet(PDF) 19 Page - Analog Devices

Part # ADM1026
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1026 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM1026 Datasheet HTML 15Page - Analog Devices ADM1026 Datasheet HTML 16Page - Analog Devices ADM1026 Datasheet HTML 17Page - Analog Devices ADM1026 Datasheet HTML 18Page - Analog Devices ADM1026 Datasheet HTML 19Page - Analog Devices ADM1026 Datasheet HTML 20Page - Analog Devices ADM1026 Datasheet HTML 21Page - Analog Devices ADM1026 Datasheet HTML 22Page - Analog Devices ADM1026 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
ADM1026
Rev. A | Page 19 of 56
Symmetrical bipolar input ranges can be accommodated easily
by making VOS equal to the full-scale voltage of the analog input,
and by adding a third resistor to set the positive full scale.
R1
R2
VIN
AIN(0–9)
R3
+VOS
Figure 30. Scaling and Offsetting AIN0 − AIN9 for Bipolar Inputs
OS
fs
V
V
R2
R1
−
=
Note that R3 has no effect as the input voltage at the device pin
is zero when VIN = negative full scale.
(
)()
IN5
IN0
fs
A
A
V
R3
R1
to
for
0
.
3
0
.
3
−
=
(
)()
IN9
IN6
fs
A
A
V
R3
R1
to
for
5
.
2
5
.
2
−
=
Also, note that R2 has no effect as the input voltage at the device
pin is equal to VOS when VIN = positive full scale.
Battery Measurement Input (VBAT)
The VBAT input allows the condition of a CMOS backup battery
to be monitored. This is typically a lithium coin cell such as a
CR2032. The VBAT input is accurate only for voltages greater
than 1.5 V (see Figure 15). Typically, the battery in a system is
required to keep some device powered on when the system is in
a powered-off state. The VBAT measurement input is specially
designed to minimize battery drain. To reduce current drain
from the battery, the lower resistor of the VBAT attenuator is not
connected, except whenever a VBAT measurement is being made.
The total current drain on the VBAT pin is 80 nA typical (for a
maximum VBAT voltage = 4 V), so a CR2032 CMOS battery
functions in a system in excess of the expected 10 years. Note
that when a VBAT measurement is not being made, the current
drain is reduced to 6 nA typical. Under normal voltage meas-
urement operating conditions, all measurements are made in a
round-robin format, and each reading is actually the result of
16 digitally averaged measurements. However, averaging is not
carried out on the VBAT measurement to reduce measurement
time and therefore reduce the current drain from the battery.
The VBAT current drain when a measurement is being made is
calculated by
PERIOD
PULSE
BAT
T
T
V
I
×
=
Ω
k
100
For example, when VBAT = 3 V,
A
n
78
ms
273
711
Ω
k
100
V
3
=
µ
×
=
s
I
where TPULSE = VBAT measurement time (711 µs typical),
TPERIOD = time to measure all analog inputs (273 ms typical),
and VBAT input battery protection.
VBAT Input Battery Protection
In addition to minimizing battery current drain, the VBAT
measurement circuitry was specifically designed with battery
protection in mind. Internal circuitry prevents the battery from
being back-biased by the ADM1026 supply or through any
other path under normal operating conditions. In the unlikely
event of a catastrophic ADM1026 failure, the ADM1026
includes a second level of battery protection including a series
3 kΩ resistor to limit current to the battery, as recommended by
UL. Thus, it is not necessary to add a series resistor between the
battery and the VBAT input; the battery can be connected directly
to the VBAT input to improve voltage measurement accuracy.
ADC
VBAT
DIGITAL
CONTROL
49.5k
Ω
82.7k
Ω
4.5pF
3k
Ω
3k
Ω
Figure 31. Equivalent VBAT Input Protection Circuit
Reference Output (VREF)
The ADM1026 offers an on-chip reference voltage (Pin 24) that
can be used to provide a 1.82 V or 2.5 V reference voltage out-
put. This output is buffered and specified to sink or source a
load current of 2 mA. The reference voltage outputs 1.82 V if
Bit 2 of Configuration Register 3 (Address 07h) is 0; it outputs
2.5 V when this bit is set to 1. This voltage reference output can
be used to provide a stable reference voltage to external cir-
cuitry such as LDOs. The load regulation of the VREF output is
typically 0.15% for a sink current of 2 mA and 0.15% for 2 mA
source current. There may be some ripple present on the VREF
output that requires filtering (±4 m VMAX). Figure 32 shows the
recommended circuitry for the VREF output for loads less than
2 mA. For loads in excess of 2 mA, external circuitry, such as
that shown in Figure 33, can be used to buffer the VREF output.
10k
Ω
0.1
µF
VREF
ADM1026
24
VREF
Figure 32. VREF Interface Circuit for VREF Loads < 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com