Electronic Components Datasheet Search
  English  ▼

X  

ADM1026 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1026
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1026 Datasheet(HTML) 3 Page - Analog Devices

  ADM1026 Datasheet HTML 1Page - Analog Devices ADM1026 Datasheet HTML 2Page - Analog Devices ADM1026 Datasheet HTML 3Page - Analog Devices ADM1026 Datasheet HTML 4Page - Analog Devices ADM1026 Datasheet HTML 5Page - Analog Devices ADM1026 Datasheet HTML 6Page - Analog Devices ADM1026 Datasheet HTML 7Page - Analog Devices ADM1026 Datasheet HTML 8Page - Analog Devices ADM1026 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
ADM1026
Rev. A | Page 3 of 56
SPECIFICATIONS1, 2, 3
Table 1. TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.
Parameter
Min
Typ
Max
Test Conditions/Comments
Unit
POWER SUPPLY
Supply Voltage, 3.3 V STBY, 3.3 V MAIN
3.0
3.3
5.5
V
Supply Current, ICC
2.5
4.0
Interface inactive, ADC active
mA
TEMPERATURE-TO-DIGITAL CONVERTER
Internal Sensor Accuracy
±3
°C
Resolution
±1
°C
External Diode Sensor Accuracy
±3
0°C < TD < 100°C
°C
Resolution
±1
°C
Remote Sensor Source Current
90
High level
µA
5.5
Low level
µA
ANALOG-TO-DIGITAL CONVERTER (including MUX and attenuators)
Total Unadjusted Error (TUE)4
±2
%
Differential Nonlinearity (DNL)
±1
LSB
Power Supply Sensitivity
±0.1
%/V
Conversion Time (Analog Input or Internal Temperature)5
11.38
12.06
ms
Conversion Time (External Temperature)5
34.13
36.18
ms
Input Resistance (+5 VIN, VCCP, AIN0 − AIN5)
80
100
120
kΩ
Input Resistance of +12 VIN pin
70
100
115
kΩ
Input Resistance of −12 VIN pin
8
10
12
kΩ
Input Resistance (AIN6 − AIN9)
5
MΩ
Input Resistance of VBAT pin4
80
100
120
kΩ
VBAT Current Drain (when measured)
80
100
CR2032 battery life >10 years
nA
VBAT Current Drain (when not measured)
6
nA
ANALOG OUTPUT (DAC)
Output Voltage Range
0–2.5
V
Total Unadjusted Error (TUE)
±5
IL = 2 mA
%
Zero Error
1
No load
LSB
Differential Nonlinearity (DNL)
±1
Monotonic by design
LSB
Integral Nonlinearity
±0.5
LSB
Output Source Current
2
mA
Output Sink Current
1
mA
REFERENCE OUTPUT
Output Voltage
1.8
1.82
1.84
Bit 2 of Register 07h = 0
V
Output Voltage
2.47
2.50
2.53
Bit 2 of Register 07h = 1
V
Load Regulation (ISINK = 2 mA)
0.15
%
Load Regulation (ISOURCE = 2 mA)
0.15
%
Short Circuit Current
25
VCC = 3.3 V
mA
Output Current Source
2
mA
Output Current Sink
2
mA
FAN RPM-TO-DIGITAL CONVERTER6
Accuracy
±12
%
Full-Scale Count
255
FAN0 to FAN7 Nominal Input RPM5
8800
Divisor = 1, fan count = 153
RPM
4400
Divisor = 2, fan count = 153
RPM
2200
Divisor = 4, fan count = 153
RPM
1100
Divisor = 8, fan count = 153
RPM
Internal Clock Frequency
20
22.5
25
kHz
OPEN DRAIN O/Ps, PWM, GPIO0 to 16
Output High Voltage, VOH
2.4
IOUT = 3.0 mA, VCC = 3.3 V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com