Electronic Components Datasheet Search
  English  ▼

X  

ADM1026 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1026
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1026 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1026 Datasheet HTML 7Page - Analog Devices ADM1026 Datasheet HTML 8Page - Analog Devices ADM1026 Datasheet HTML 9Page - Analog Devices ADM1026 Datasheet HTML 10Page - Analog Devices ADM1026 Datasheet HTML 11Page - Analog Devices ADM1026 Datasheet HTML 12Page - Analog Devices ADM1026 Datasheet HTML 13Page - Analog Devices ADM1026 Datasheet HTML 14Page - Analog Devices ADM1026 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
ADM1026
Rev. A | Page 11 of 56
Fan Speed Control Outputs
The ADM1026 has two outputs intended to control fan speed,
though they can also be used for other purposes. Pin 18 is an
open drain, pulse width modulated (PWM) output with a
programmable duty cycle and an output frequency of 75 Hz.
Pin 23 is connected to the output of an on-chip, 8-bit, digital-to-
analog converter with an output range of 0 V to 2.5 V.
Either or both of these outputs may be used to implement a
temperature-controlled fan by controlling the speed of a fan
using the temperature measured by the on-chip temperature
sensor or remote temperature sensors.
INTERNAL REGISTERS
Table 4 describes the principal registers of the ADM1026. For
more detailed information, see Table 11 to Table 124.
Table 4. Principal Registers
Type
Description
Address Pointer
Contains the address that selects one of
the other internal registers. When writing
to the ADM1026, the first byte of data is
always a register address, and is written
to the address pointer register.
Configuration
Registers
Provide control and configuration for
various operating parameters.
Fan Divisor
Registers
Contain counter prescaler values for fan
speed measurement.
DAC/PWM
Control Registers
Contain speed values for PWM and DAC
fan drive outputs.
GPIO Configuration
Registers
Configure the GPIO pins as input or
output and for signal polarity.
Value and Limit
Registers
Store the results of analog voltage inputs,
temperature, and fan speed
measurements, along with their limit
values.
Status Registers
Store events from the various interrupt
sources.
Mask Registers
Allow masking of individual interrupt
sources.
EEPROM
The ADM1026 has 8 kB of nonvolatile, electrically erasable,
programmable read-only memory (EEPROM) from register
Addresses 8000h to 9FFFh. This may be used for permanent
storage of data that is not lost when the ADM1026 is powered
down, unlike the data in the volatile registers. Although referred
to as read-only memory, the EEPROM can be written to (as well
as read from) via the serial bus in exactly the same way as the
other registers. The main differences between the EEPROM and
other registers are
•
An EEPROM location must be blank before it can be
written to. If it contains data, it must first be erased.
•
Writing to EEPROM is slower than writing to RAM.
•
Writing to the EEPROM should be restricted because its
typical cycle life is 100,000 write operations, due to the
usual EEPROM wear-out mechanisms.
The EEPROM in the ADM1026 has been qualified for two key
EEPROM memory characteristics: memory cycling endurance
and memory data retention.
Endurance qualifies the ability of the EEPROM to be cycled
through many program, read, and erase cycles. In real terms,
a single endurance cycle is composed of four independent,
sequential events, as follows:
1.
Initial page erase sequence
2.
Read/verify sequence
3.
Program sequence
4.
Second read/verify sequence
In reliability qualification, every byte is cycled from 00h to FFh
until a first fail is recorded, signifying the endurance limit of the
EEPROM memory.
Retention quantifies the ability of the memory to retain its
programmed data over time. The EEPROM in the ADM1026
has been qualified in accordance with the formal JEDEC
Retention Lifetime Specification (A117) at a specific junction
temperature (TJ = 55°C) to guarantee a minimum of 10 years
retention time. As part of this qualification procedure, the
EEPROM memory is cycled to its specified endurance limit
described above before data retention is characterized. This
means that the EEPROM memory is guaranteed to retain its
data for its full specified retention lifetime every time the
EEPROM is reprogrammed. Note that retention lifetime based
on an activation energy of 0.6 V derates with TJ, as shown in
Figure 16.
JUNCTION TEMPERATURE (°C)
250
300
100
200
150
50
0
50
60
70
80
90
100
40
110
120
Figure 16. Typical EEPROM Memory Retention



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com