Electronic Components Datasheet Search
  English  ▼

X  

ADM1026 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM1026
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1026 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM1026 Datasheet HTML 14Page - Analog Devices ADM1026 Datasheet HTML 15Page - Analog Devices ADM1026 Datasheet HTML 16Page - Analog Devices ADM1026 Datasheet HTML 17Page - Analog Devices ADM1026 Datasheet HTML 18Page - Analog Devices ADM1026 Datasheet HTML 19Page - Analog Devices ADM1026 Datasheet HTML 20Page - Analog Devices ADM1026 Datasheet HTML 21Page - Analog Devices ADM1026 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
ADM1026
Rev. A | Page 18 of 56
Voltage Measurement Inputs
The internal structure for all the analog inputs is shown in
Figure 27. Each input circuit consists of an input protection
diode, an attenuator, plus a capacitor to form a first-order low-
pass filter that gives each voltage measurement input immunity
to high frequency noise. The −12 V input also has a resistor
connected to the on-chip reference to offset the negative voltage
range so that it is always positive and can be handled by the
ADC. This allows most popular power supply voltages to be
monitored directly by the ADM1026 without requiring any
additional resistor scaling.
109.4k
Ω
18.5pF
21.9k
+VCCP
9.3pF
VREF
17.5k
Ω
114.3k
Ω
–12V
49.5k
Ω
82.7k
Ω
4.5pF
VBAT
* SEE TEXT
AIN0 – AIN5
(0V – 3V)
109.4k
Ω
4.6pF
21.9k
Ω
AIN6 – AIN9
(0V – 2.5V)
4.6pF
52.5k
Ω
50k
Ω
4.6pF
83.5k
Ω
+5V
21k
Ω
9.3pF
113.5k
Ω
+12V
MUX
Figure 27. Voltage Measurement Inputs
Setting Other Input Ranges
AIN0 to AIN9 can easily be scaled to voltages other than 2.5 V or
3 V. If the input voltage range is zero to some positive voltage, all
that is required is an input attenuator, as shown in Figure 28.
R1
R2
VIN
AIN(0–9)
Figure 28. Scaling AIN0 − AIN9
However, when scaling AIN0 to AIN5, it should be noted that
these inputs already have an on-chip attenuator, because their
primary function is to monitor SCSI termination voltages. This
attenuator loads any external attenuator. The input resistance of
the on-chip attenuator can be between 100 kΩ and 200 kΩ. For
this tolerance not to affect the accuracy, the output resistance
of the external attenuator should be very much lower than
this, that is, 1 kΩ in order to add not more than 1% to the
total unadjusted error (TUE). Alternatively, the input can be
buffered using an op amp.
(
)()
IN5
IN0
fs
A
A
V
R2
R1
to
for
0
.
3
0
.
3
−
=
(
)()
IN9
IN6
fs
A
A
V
R2
R1
to
for
5
.
2
5
.
2
−
=
Negative and bipolar input ranges can be accommodated by
using a positive reference voltage to offset the input voltage
range so that it is always positive. To monitor a negative input
voltage, an attenuator can be used as shown in Figure 29.
R1
R2
VIN
AIN(0–9)
Figure 29. Scaling and Offsetting AIN0 − AIN9 for Negative Inputs
This offsets the negative voltage so that the ADC always sees a
positive voltage. R1 and R2 are chosen so that the ADC input
voltage is zero when the negative input voltage is at its
maximum (most negative) value, that is:
OS
fs
V
V
R2
R1
−
=
This is a simple and low cost solution, but note the following:
•
Because the input signal is offset but not inverted, the input
range is transposed. An increase in the magnitude of the
negative voltage (going more negative) causes the input
voltage to fall and give a lower output code from the ADC.
Conversely, a decrease in the magnitude of the negative
voltage causes the ADC code to increase. The maximum
negative voltage corresponds to zero output from the ADC.
This means that the upper and lower limits are transposed.
•
For the ADC output to be full scale when the negative
voltage is zero, VOS must be greater than the full-scale
voltage of the ADC, because VOS is attenuated by R1 and
R2. If VOS is equal to or less than the full-scale voltage of
the ADC, the input range is bipolar but not necessarily
symmetrical.
This is a problem only if the ADC output must be full scale
when the negative voltage is zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com