Electronic Components Datasheet Search
  English  ▼

X  

ADM1026 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1026
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1026 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1026 Datasheet HTML 9Page - Analog Devices ADM1026 Datasheet HTML 10Page - Analog Devices ADM1026 Datasheet HTML 11Page - Analog Devices ADM1026 Datasheet HTML 12Page - Analog Devices ADM1026 Datasheet HTML 13Page - Analog Devices ADM1026 Datasheet HTML 14Page - Analog Devices ADM1026 Datasheet HTML 15Page - Analog Devices ADM1026 Datasheet HTML 16Page - Analog Devices ADM1026 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
ADM1026
Rev. A | Page 13 of 56
R/W
0
SCL
SDA
10
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
SLAVE
START BY
MASTER
FRAME 1
SLAVE ADDRESS
FRAME 2
COMMAND CODE
19
1
ACK. BY
SLAVE
9
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
SLAVE
STOP BY
MASTER
FRAME N
DATA BYTE
19
9
SCL
(CONTINUED)
SDA
(CONTINUED)
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
SLAVE
FRAME 3
DATA BYTE
1
Figure 17. General SMBus Write Timing Diagram
R/W
0
SCL
SDA
10
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
MASTER
START BY
MASTER
FRAME 1
SLAVE ADDRESS
FRAME 2
DATA BYTE
19
1
ACK. BY
SLAVE
9
D7
D6
D5
D4
D3
D2
D1
D0
NO ACK.
STOP BY
MASTER
FRAME N
DATA BYTE
19
9
SCL
(CONTINUED)
SDA
(CONTINUED)
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
MASTER
FRAME 3
DATA BYTE
1
Figure 18. General SMBus Read Timing Diagram
SMBus PROTOCOLS FOR RAM AND EEPROM
The ADM1026 contains volatile registers (RAM) and non-
volatile EEPROM. RAM occupies Addresses 00h to 6Fh, while
EEPROM occupies Addresses 8000h to 9FFFh.
Data can be written to and read from both RAM and EEPROM
as single data bytes and as block (sequential) read or write
operations of 32 data bytes, the maximum block size allowed by
the SMBus specification.
Data can only be written to unprogrammed EEPROM locations.
To write new data to a programmed location, it is first necessary
to erase it. EEPROM erasure cannot be done at the byte level;
the EEPROM is arranged as 128 pages of 64 bytes, and an entire
page must be erased. Note that of these 128 pages, only 124
pages are available to the user. The last four pages are reserved
for manufacturing purposes and cannot be erased/rewritten.
The EEPROM has three RAM registers associated with it,
EEPROM Registers 1, 2, and 3 at Addresses 06h, 0Ch, and 13h.
EEPROM Registers 1 and 2 are for factory use only. EEPROM
Register 3 sets up the EEPROM operating mode. Setting Bit 0 of
EEPROM Register 3 puts the EEPROM into read mode. Setting
Bit 1 puts it into programming mode. Setting Bit 2 puts it into
erase mode.
Only one of these bits must be set before the EEPROM may be
accessed. Setting no bits or more than one of them causes the
device to respond with No Acknowledge if an EEPROM read,
program, or erase operation is attempted.
It is important to distinguish between SMBus write opera-
tions, such as sending an address or command, and EEPROM
programming operations. It is possible to write an EEPROM
address over the SMBus, whatever the state of EEPROM
Register 3. However, EEPROM Register 3 must be correctly set
before a subsequent EEPROM operation can be performed. For
example, when reading from the EEPROM, Bit 0 of EEPROM
Register 3 can be set, even though SMBus write operations are
required to set up the EEPROM address for reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com