Electronic Components Datasheet Search
  English  ▼

X  

ADM1026 Datasheet(PDF) 49 Page - Analog Devices

Part # ADM1026
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1026 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADM1026 Datasheet HTML 45Page - Analog Devices ADM1026 Datasheet HTML 46Page - Analog Devices ADM1026 Datasheet HTML 47Page - Analog Devices ADM1026 Datasheet HTML 48Page - Analog Devices ADM1026 Datasheet HTML 49Page - Analog Devices ADM1026 Datasheet HTML 50Page - Analog Devices ADM1026 Datasheet HTML 51Page - Analog Devices ADM1026 Datasheet HTML 52Page - Analog Devices ADM1026 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
ADM1026
Rev. A | Page 49 of 56
Table 69. Register 38h, FAN0 Measured Value (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
FAN0 Value
R
This register contains the measured value of the FAN0 tach input channel.
Table 70. Register 39h, FAN1 Measured Value (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
FAN1 Value
R
This register contains the measured value of the FAN1 tach input channel.
Table 71. Register 3Ah, FAN2 Measured Value (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
FAN2 Value
R
This register contains the measured value of the FAN2 tach input channel.
Table 72. Register 3Bh, FAN3 Measured Value (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
FAN3 Value
R
This register contains the measured value of the FAN3 tach input channel.
Table 73. Register 3Ch, FAN4 Measured Value (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
FAN4 Value
R
This register contains the measured value of the FAN4 tach input channel.
Table 74. Register 3Dh, FAN5 Measured Value (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
FAN5 Value
R
This register contains the measured value of the FAN5 tach input channel.
Table 75. Register 3Eh, FAN6 Measured Value (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
FAN6 Value
R
This register contains the measured value of the FAN6 tach input channel.
Table 76. Register 3Fh, FAN7 Measured Value (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
FAN7 Value
R
This register contains the measured value of the FAN7 tach input channel.
Table 77. Register 40h, Ext1 High Limit (Power-On Default 64h/100°C)
Bit
Name
R/W
Description
7–0
Ext1 High Limit
R/W
This register contains the high limit of the Ext1 Temp channel.
Table 78. Register 41h, Ext2/AIN9 High Limit (Power-On Default 64h/100°C)
Bit
Name
R/W
Description
7–0
Ext2 Temp/ AIN9 High
Limit
R/W
This register contains the high limit of the Ext2 Temp/AIN9 channel depending on which one
is configured.
Table 79. Register 42h, 3.3 V STBY High Limit (Power-On Default FFh)
Bit
Name
R/W
Description
7–0
3.3 V STBY High Limit
R/W
This register contains the high limit of the 3.3 V STBY analog input channel.
Table 80. Register 43h, 3.3 V MAIN High Limit (Power-On Default FFh)
Bit
Name
R/W
Description
7–0
3.3 V MAIN High Limit
R/W
This register contains the high limit of the 3.3 V MAIN analog input channel.
Table 81. Register 44h, +5 V High Limit (Power-On Default FFh)
Bit
Name
R/W
Description
7–0
+5 V High Limit
R/W
This register contains the high limit of the +5 V analog input channel.
Table 82. Register 45h, VCCP High Limit (Power-On Default FFh)
Bit
Name
R/W
Description
7–0
VCCP High Limit
R/W
This register contains the high limit of the VCCP analog input channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com