Electronic Components Datasheet Search
  English  ▼

X  

ADM1026 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1026
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1026 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1026 Datasheet HTML 4Page - Analog Devices ADM1026 Datasheet HTML 5Page - Analog Devices ADM1026 Datasheet HTML 6Page - Analog Devices ADM1026 Datasheet HTML 7Page - Analog Devices ADM1026 Datasheet HTML 8Page - Analog Devices ADM1026 Datasheet HTML 9Page - Analog Devices ADM1026 Datasheet HTML 10Page - Analog Devices ADM1026 Datasheet HTML 11Page - Analog Devices ADM1026 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
ADM1026
Rev. A | Page 8 of 56
TYPICAL PERFORMANCE CHARACTERISTICS
LEAKAGE RESISTANCE (M
Ω)
10
0
–20
90
–25
–10
D+ TO VCC
D+ TO GND
30
60
120
0
–15
–5
5
15
25
20
Figure 4. Temperature Error vs. PCB Track Resistance
FREQUENCY (MHz)
12
10
8
6
4
2
0
0
14
100mV
250mV
100
200
300
400
500
600
Figure 5. Temperature Error vs. Power Supply Noise Frequency
FREQUENCY (MHz)
0
200
300
400
500
600
0
2
4
8
10
12
6
100
100mV
60mV
40mV
Figure 6. Temperature Error vs. Common-Mode Noise Frequency
PIII TEMPERATURE (°C)
0
10
20
30
40
50
60
70
80
90
100
110
0
10
20
30
40
50
60
70
80
90
100
110
Figure 7. Pentium® III Temperature vs. ADM1026 Reading
CAPACITANCE (nF)
5
010
20
30
40
50
–10
0
–5
–15
–20
–25
Figure 8. Temperature Error vs. Capacitance Between D+ and D–
FREQUENCY (MHz)
100
80
600
70
60
50
40
30
20
10
0
200
300
400
500
100mV
60mV
40mV
Figure 9. Temperature Error vs. Differential-Mode Noise Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com