Electronic Components Datasheet Search
  English  ▼

X  

ADM1026 Datasheet(PDF) 33 Page - Analog Devices

Part # ADM1026
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1026 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADM1026 Datasheet HTML 29Page - Analog Devices ADM1026 Datasheet HTML 30Page - Analog Devices ADM1026 Datasheet HTML 31Page - Analog Devices ADM1026 Datasheet HTML 32Page - Analog Devices ADM1026 Datasheet HTML 33Page - Analog Devices ADM1026 Datasheet HTML 34Page - Analog Devices ADM1026 Datasheet HTML 35Page - Analog Devices ADM1026 Datasheet HTML 36Page - Analog Devices ADM1026 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
ADM1026
Rev. A | Page 33 of 56
Figure 60 shows the effect of one input being stuck high. Taking
GPIO12 high should take the output high. However, the next
input up the tree, GPIO11, is already high, so the output
immediately goes low again, causing a missing pulse in the
output pattern.
GPIO16
GPIO15
GPIO14
GPIO13
GPIO12
GPIO11
GPIO10
GPIO9
GPIO8
FAN0
FAN1
NTESTOUT
Figure 60. NAND Tree Test with One Input Stuck High
A similar effect occurs if two adjacent inputs are shorted
together. The example in Figure 61 assumes that the current
sink capability of the circuit driving the inputs is considerably
higher than the source capability, so the inputs are low if either
is low, but high only if both are high.
When GPIO12 goes high the output should go high. But
because GPIO12 and GPIO11 are shorted, they both go high
together, causing a missing pulse in the output pattern.
GPIO16
GPIO15
GPIO14
GPIO13
GPIO12
GPIO11
GPIO10
GPIO9
GPIO8
FAN0
FAN1
NTESTOUT
Figure 61. NAND Tree Test with Two Inputs Shorted
USING THE ADM1026
When power is first applied, the ADM1026 performs a power-
on reset on all its registers (not EEPROM), which sets them to
default conditions as shown in Table 12. In particular, note that
all GPIO pins are configured as inputs to avoid possible
conflicts with circuits trying to drive these pins.
The ADM1026 can also be initialized at any time by writing a
1 to Bit 7 of Configuration Register 1, which sets some registers
to their default power-on conditions. This bit should be cleared
by writing a 0 to it.
After power-on, the ADM1026 must be configured to the user’s
specific requirements. This consists of
•
Writing values to the limit registers.
•
Configuring Pins 3 to 6, and 9 to 12 as fan inputs or GPIO,
using Configuration Register 2 (Address 01h).
•
Setting the fan divisors using the fan divisor registers
(Addresses 02h and 03h).
•
Configuring the GPIO pins for input/output polarity, using
GPIO Configuration Registers 1 to 4 (Addresses 08h to
0Bh) and Bits 6 and 7 of Configuration
Register 3.
•
Setting mask bits in Mask Registers 1 to 6 (Addresses 18h
to 1Dh) for any inputs that are to be masked out.
•
Setting up Configuration Registers 1 and 3, as described in
Table 9 and Table 10.
Table 9. Configuration Register 1
Bit
Description
0
Controls the monitoring loop of the ADM1026.
Setting Bit 0 low stops the monitoring loop and puts
the ADM1026 into low power mode and reduces
power consumption. Serial bus communication is still
possible with any register in the ADM1026 while in
low power mode. Setting bit 0 high starts the
monitoring loop.
1
Enables or disables the INT interrupt output. Setting
Bit 1 high enables the INT output, setting Bit 1 low
disables the output.
2
Used to clear the INT interrupt output when set high.
GPIO pins and interrupt status register contents are
not affected.
3
Configures Pins 27 and 28 as the second external
temperature channel when 0, and as AIN8 and AIN9
when set to 1.
4
Enables the THERM output when set to 1.
5
Enables automatic fan speed control on the DAC
output when set to 1.
6
Enables automatic fan speed control on the PWM
output when set to 1.
7
Performs a soft reset when set to 1.
Table 10. Configuration Register 3
Bit
Description
0
Configures Pin 42 as GPIO when set to 1 or as THERM
when cleared to 0.
1
Clears the CI latch when set to 1. Thereafter, a 0 must
be written to allow subsequent CI detection.
2
Selects VREF as 2.5 V when set to 1 or as 1.82 V when
cleared to 0.
3–5
Unused.
6, 7
Set up GPIO16 for direction and polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com