Electronic Components Datasheet Search
  English  ▼

X  

ADM1026 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1026
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1026 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1026 Datasheet HTML 5Page - Analog Devices ADM1026 Datasheet HTML 6Page - Analog Devices ADM1026 Datasheet HTML 7Page - Analog Devices ADM1026 Datasheet HTML 8Page - Analog Devices ADM1026 Datasheet HTML 9Page - Analog Devices ADM1026 Datasheet HTML 10Page - Analog Devices ADM1026 Datasheet HTML 11Page - Analog Devices ADM1026 Datasheet HTML 12Page - Analog Devices ADM1026 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
ADM1026
Rev. A | Page 9 of 56
TEMPERATURE (°C)
–20
400
80
350
300
250
200
150
100
50
0
020
40
60
–40
100
120
450
140
Figure 10. Power-up Reset Timeout vs. Temperature
VCC (V)
3.0
2.5
2.0
1.5
1.0
0.5
3.00
4.00
3.25
3.50
3.75
4.25
4.50
4.75
5.25
5.00
0
5.50
Figure 11. Supply Current vs. Supply Voltage
TEMPERATURE (°C)
0.2
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
20
30
40
50
60
70
80
90
100
110 120
0
Figure 12. Local Sensor Temperature Error
TEMPERATURE (°C)
0
0.5
10
20
30
40
50
60
70
80
90
100
110 120
0
1.0
–0.5
–1.0
–1.5
–2.0
Figure 13. Remote Sensor Temperature Error
TIME (s)
4
2
0
20
40
60
80
100
120
06
8
10
12
14
16
18
20
22
24
26
Figure 14. Response to Thermal Shock
0
0.5
1.0
2.5
3.0
1.5
2.0
3.5
01234
VBAT VOLTAGE
Figure 15. VBAT Measurement vs. Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com