Electronic Components Datasheet Search
  English  ▼

X  

TPS61311 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61311
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61311 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS61311 Datasheet HTML 35Page - Texas Instruments TPS61311 Datasheet HTML 36Page - Texas Instruments TPS61311 Datasheet HTML 37Page - Texas Instruments TPS61311 Datasheet HTML 38Page - Texas Instruments TPS61311 Datasheet HTML 39Page - Texas Instruments TPS61311 Datasheet HTML 40Page - Texas Instruments TPS61311 Datasheet HTML 41Page - Texas Instruments TPS61311 Datasheet HTML 42Page - Texas Instruments TPS61311 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
TPS61310, TPS61311
www.ti.com
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
REGISTER5 DESCRIPTION
Memory location: 0x05
Description
DIR (W)
SELFCAL
ENPSM
GPIO
GPIOTYPE
ENLED3
ENLED2
ENLED1
STSTRB1 (R)
Bits
D7
D6
D5
D4
D3
D2
D1
D0
Memory type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default value
0
1
1
0
1
0
1
0
Bit
Description
SELFCAL
High-Current LED Forward Voltage Self-Calibration Start bit.
In write mode, this bit enables/disables the output voltage vs. LED forward voltage/current self-calibration procedure.
0: Self-calibration disabled.
1: Self-calibration enabled.
In read mode, this bit returns the status of the self-calibration procedure.
0: Self-calibration ongoing
1: Self-calibration done Notice that this bit is only being reset at the (re-)start of a calibration cycle.
ENPSM
Enable / Disable Power-Save Mode bit.
0: Power-save mode disabled.
1: Power-save mode enabled.
STSTRB1
STRB1 Input Status bit (Read Only).
This bit indicates the logic state on the STRB1 state.
DIR
GPIO Direction bit.
0: GPIO configured as input.
1: GPIO configured as output.
GPIO
GPIO Port Value.
This bit contains the GPIO port value.
GPIOTYPE
GPIO Port Type.
0: GPIO is configured as push-pull output.
1: GPIO is configured as open-drain output.
ENLED3
Enable / Disable High-Current LED3 bit.
0: LED3 input is disabled.
1: LED3 input is enabled.
ENLED2
Enable / Disable High-Current LED2 bit.
0: LED2 input is disabled.
1: LED2 input is enabled.
ENLED1
Enable / Disable High-Current LED1 bit.
0: LED1 input is disabled.
1: LED1 input is enabled.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: TPS61310 TPS61311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com