Electronic Components Datasheet Search
  English  ▼

X  

TPS61311 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61311
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61311 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS61311 Datasheet HTML 14Page - Texas Instruments TPS61311 Datasheet HTML 15Page - Texas Instruments TPS61311 Datasheet HTML 16Page - Texas Instruments TPS61311 Datasheet HTML 17Page - Texas Instruments TPS61311 Datasheet HTML 18Page - Texas Instruments TPS61311 Datasheet HTML 19Page - Texas Instruments TPS61311 Datasheet HTML 20Page - Texas Instruments TPS61311 Datasheet HTML 21Page - Texas Instruments TPS61311 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
t-Time=100µs/div
ENVMbit
VoltageModeRegulationStart
I
(200mA/div)
L
V =3.6V,V
=4.95V
I
=1750mA
IN
OUT
LIM
I
=0mA,
OUT
V
(2V/div)
OUT
t-Time=50 s/div
m
I
(500mA/div)
L
V
(500mV/div-4.95VOffset)
OUT
V =3.6V,
IN
V
=4.95V
I
=1750mA
OUT
LIM
PFM/PWMOperation
ENPSMbit=1
I
(500mA/div)
OUT
50mA to500mA LoadStep
t-Time=200µs/div
MODE_CTRL[1:0]=01
DCLightTurn-On
I
(50mA/div)
LED2
I
(200mA/div)
L
V =3.6V,V
=4.95V
I
=1750mA
IN
OUT
LIM
LED2ChannelOnly
DCLC2[2:0]=100
V
(2V/div)
OUT
TPS61310, TPS61311
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 34. VOLTAGE MODE LOAD TRANSIENT RESPONSE
Figure 35. START-UP INTO video LIGHT OPERATION
Figure 36. START-UP INTO VOLTAGE MODE OPERATION
18
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPS61310 TPS61311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com