Electronic Components Datasheet Search
  English  ▼

X  

TPS61311 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61311
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61311 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TPS61311 Datasheet HTML 45Page - Texas Instruments TPS61311 Datasheet HTML 46Page - Texas Instruments TPS61311 Datasheet HTML 47Page - Texas Instruments TPS61311 Datasheet HTML 48Page - Texas Instruments TPS61311 Datasheet HTML 49Page - Texas Instruments TPS61311 Datasheet HTML 50Page - Texas Instruments TPS61311 Datasheet HTML 51Page - Texas Instruments TPS61311 Datasheet HTML 52Page - Texas Instruments TPS61311 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
GND
LED1
LED2
LED3
V
IN
L1
C
OUT
C
IN
1
INDLED
SDA
STRB0
TS
B2:SCL
B3:NRESET
C3: Tx_MASK
D3:STRB1
D4:GPIO/PG
TPS61310, TPS61311
www.ti.com
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
LAYOUT CONSIDERATIONS
As for all switching power supplies, the layout is an important step in the design, especially at high peak currents
and high switching frequencies. If the layout is not carefully done, the regulator could show stability problems as
well as EMI problems. Therefore, use wide and short traces for the main current path and for the power ground
tracks.
The input capacitor, output capacitor, and the inductor should be placed as close as possible to the IC. Use a
common ground node for power ground and a different one for control ground to minimize the effects of ground
noise. Connect these ground nodes at any place close to one of the ground pins of the IC.
To lay out the control ground, it is recommended to use short traces as well, separated from the power ground
traces. This avoids ground shift problems, which can occur due to superimposition of power ground current and
control ground current.
Figure 61. Suggested Layout (Top)
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: TPS61310 TPS61311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com