Electronic Components Datasheet Search
  English  ▼

X  

TPS61311 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61311
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61311 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS61311 Datasheet HTML 15Page - Texas Instruments TPS61311 Datasheet HTML 16Page - Texas Instruments TPS61311 Datasheet HTML 17Page - Texas Instruments TPS61311 Datasheet HTML 18Page - Texas Instruments TPS61311 Datasheet HTML 19Page - Texas Instruments TPS61311 Datasheet HTML 20Page - Texas Instruments TPS61311 Datasheet HTML 21Page - Texas Instruments TPS61311 Datasheet HTML 22Page - Texas Instruments TPS61311 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
TPS61310, TPS61311
www.ti.com
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
DETAILED DESCRIPTION
•
OPERATION
•
VIDEO LIGHT AND FLASH OPERATION
•
VOLTAGE MODE
•
PRIVACY INDICATOR
•
SAFE OPERATION AND PROTECTION FEATURES
•
POWER-SAVE MODE OPERATION, EFFICIENCY
•
START-UP SEQUENCE
•
NRESET INPUT: HARDWARE ENABLE / DISABLE
•
SHUTDOWN
•
SERIAL INTERFACE DESCRIPTION
OPERATION
The TPS6131x family is an integrated solution with a wide feature set for driving up to three LEDs for still-camera
flash and video-camera lighting applications. It employs a 2MHz fixed on-time, PWM current-mode converter to
generate the output voltage required to drive up to three high-power LEDs in parallel. The device integrates an
NMOS-switch power stage and a synchronous PMOS rectifier. The device also implements a set of linear low-
side current regulators to control the LED current when the battery voltage is higher than the diode forward
voltage.
The high efficiency boost converter stage and LED forward voltage adoption ensure lowest device input current
for a given LED output current.
A special circuit disconnects the load from the battery during shutdown of the converter. In conventional
synchronous-rectifier circuits, the back-gate diode of the high-side PMOS is forward biased in shutdown, allowing
current to flow from the battery to the output. The TPS6131x prevents this by disconnecting the cathode of the
back-gate diode of the high-side PMOS from the source when the regulator is in shutdown.
The TPS6131x device not only operates as a regulated current source, but also as a standard voltage-boost
regulator featuring a power-save mode for improved efficiency at light loads. If the input voltage is higher than
the programmed output voltage, a down mode is implemented that acts similarly to an LDO.
The power stage is capable of supplying a maximum total current of roughly 1500mA. The TPS6131x provides
three constant-current sinks, capable of sinking up to 2x 400mA (LED1 and LED3) and 800mA (LED2) in flash
mode.
Figure 37. TPS6131x States
Special effort is taken for safe operation and robust system integration. The battery voltage can be monitored so
that the flash current is not increased if the battery voltage drops by a programmable threshold. Internal timers
limit the flash on-time to prevent potential camera-engine software errors, and a video light watchdog acts in a
similar fashion. Multiple monitoring features (LED and die temperature, input voltage droop etc.) keep the device
and LEDs operating properly.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TPS61310 TPS61311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com