Electronic Components Datasheet Search
  English  ▼

X  

TPS61311 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61311
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61311 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61311 Datasheet HTML 3Page - Texas Instruments TPS61311 Datasheet HTML 4Page - Texas Instruments TPS61311 Datasheet HTML 5Page - Texas Instruments TPS61311 Datasheet HTML 6Page - Texas Instruments TPS61311 Datasheet HTML 7Page - Texas Instruments TPS61311 Datasheet HTML 8Page - Texas Instruments TPS61311 Datasheet HTML 9Page - Texas Instruments TPS61311 Datasheet HTML 10Page - Texas Instruments TPS61311 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
E4
E3
E2
E1
D4
D3
D2
D1
C4
C3
C2
C1
B4
B3
B2
B1
A4
A3
A2
A1
A4
A3
A2
A1
B4
B3
B2
B1
C4
C3
C2
C1
D4
D3
D2
D1
E4
E3
E2
E1
CSP-20
(TOP VIEW)
CSP-20
(BOTTOMVIEW)
TPS61310, TPS61311
www.ti.com
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
DEVICE INFORMATION
Table 2. PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
AVIN
E4
I
This is the input voltage pin of the device. Connect directly to the input bypass capacitor.
VOUT
A2
O
This is the output voltage pin of the converter.
LED1
E2
I
LED return input (current sinks). This feedback pin regulates the LED current through the internal sense
LED2
E1
I
resistor by regulating the voltage across it. Connect to the cathode of the white LEDs.
LED3
E3
I
STRB0
B4
I
LED1/2/3 enable logic input. This pin can be used to enable/disable the high-power LEDs connected to the
device.
STRB0 = LOW: LED1, LED2 and LED3 current regulators are turned off.
STRB0 = HIGH: LED2, LED2 and LED3 current regulators are active. The LED current level (video light or
flash current) is defined according to the STRB1 logic level.
NRESET
B3
I
Master hardware reset input.
NRESET = LOW: The device is forced in shutdown mode and the I2C control I/F and all internal control
registers are reset.
NRESET = HIGH: The device is operating normally under the control of the I2C interface.
SCL
B2
I
Serial interface clock line. This pin must not be left floating and must be terminated.
SDA
B1
I/O
Serial interface address/data line. This pin must not be left floating and must be terminated.
GPIO/PG
D4
I/O
This pin can either be configured as a general purpose input/output pin (GPIO) or either as an open-drain or
a push-pull output to signal when the converters output voltage is within the regulation limits (PG). Per
default, the pin is configured as an open-drain power-good output.
TS
C4
I
NTC resistor connection. This pin can be used to monitor the LED temperature. Connect a 220k
Ω NTC
resistor from the TS input to ground. In case this functionality is not desired, the TS input should be tied to
AVIN or left floating.
INDLED
A1
O
This pin provides a constant current source to drive low VF LEDs. Connect to LED anode.
STRB1
D3
I
LED current level selection input. Pulling this input high disables the video light watchdog timer.
STRB1 = LOW: flash mode is enabled.
STRB1 = HIGH: video light mode is enabled.
Tx-MASK
C3
I
RF PA synchronization control input. Pulling this pin high turns the LED from flash to video light operation,
thereby reducing almost instantaneously the peak current loading from the battery.
SW
C1
I/O
Inductor connection. Drain of the internal power MOSFET. Connect to the switched side of the inductor. SW
C2
is high impedance during shutdown.
PGND
D1
Power ground. Connect to AGND underneath IC.
D2
AGND
A3
Analog ground.
A4
Figure 4. PIN ASSIGNMENTS
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS61310 TPS61311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com