Electronic Components Datasheet Search
  English  ▼

X  

TPS61311 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61311
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61311 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS61311 Datasheet HTML 9Page - Texas Instruments TPS61311 Datasheet HTML 10Page - Texas Instruments TPS61311 Datasheet HTML 11Page - Texas Instruments TPS61311 Datasheet HTML 12Page - Texas Instruments TPS61311 Datasheet HTML 13Page - Texas Instruments TPS61311 Datasheet HTML 14Page - Texas Instruments TPS61311 Datasheet HTML 15Page - Texas Instruments TPS61311 Datasheet HTML 16Page - Texas Instruments TPS61311 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
1
10
100
1000
10000
I
-OutputCurrent-mA
O
VoltageModeRegulation
ForcedPWMOperation
PFM/PWMOperation
V
=3.6V
IN
V
=2.5V
IN
V
=4.95V,
I
=1750mA
OUT
LIM
V
=4.2V
IN
3.71
3.749
3.787
3.825
3.863
3.902
3.94
3.978
4.016
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
I
-OutputCurrent-mA
O
I
=0mA
OUT
I
=100mA
OUT
I
=1000mA
OUT
VoltageModeRegulation
V
=3.825V
OUT
I
=1750mA
LIM
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
I
-OutputCurrent-mA
O
ForcedPWMOperation
PFM/PWMOperation
V
=4.2V
IN
V
=3.6V
IN
V
=2.5V
IN
V
=3V
IN
V
=3.825V
VoltageModeRegulation
OUT
I
=1750mA
LIM
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
I
-OutputCurrent-mA
O
V
=4.2V
IN
V
=3.6V
IN
V
=2.5V
IN
V
=4.95V
VoltageModeRegulation
OUT
I
=1750mA
LIM
V
=3V
IN
PFM/PWMOperation
ForcedPWMOperation
TPS61310, TPS61311
www.ti.com
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS (continued)
Figure 15. Efficiency
Figure 16. Efficiency
vs.
vs.
Output Current
Output Current
Figure 17. DC Output Voltage
Figure 18. DC Output Voltage
vs.
vs.
Load Current
Load Current
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS61310 TPS61311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com