Electronic Components Datasheet Search
  English  ▼

X  

TPS61311 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61311
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61311 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS61311 Datasheet HTML 17Page - Texas Instruments TPS61311 Datasheet HTML 18Page - Texas Instruments TPS61311 Datasheet HTML 19Page - Texas Instruments TPS61311 Datasheet HTML 20Page - Texas Instruments TPS61311 Datasheet HTML 21Page - Texas Instruments TPS61311 Datasheet HTML 22Page - Texas Instruments TPS61311 Datasheet HTML 23Page - Texas Instruments TPS61311 Datasheet HTML 24Page - Texas Instruments TPS61311 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
STRB0
AF ASSIST LIGHT
STROBE
STRB1
TIMER
DURATION < STIM
LED CONTROL
DC LIGHT
FLASH
LED OFF
LED OFF
LED OFF
TPS61310, TPS61311
www.ti.com
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
For video lighting, a watchdog timer is implemented; this must be refreshed within 13.0 seconds. This function
can be disabled, as described below.
MODE_CTRL[1:0] = 01
The STRB0, STRB1 inputs are disabled. The device regulates the LED current in
video light mode (DCLC bits) regardless of the STRB0, STRB1 inputs and the
START_FLASH/TIMER (SFT) bit. To avoid device shutdown because of the video
light safety timeout, MODE_CTRL[1:0] must be refreshed within less than 13.0
seconds (STRB1 = 0). The video light watchdog timer can be disabled by pulling the
STRB1 signal high.
MODE_CTRL[1:0] = 10
The STRB0, STRB1 inputs are enabled. The flash pulse can be triggered by these
synchronization signals, or by a software command (START_FLASH/TIMER (SFT)
bit). The LEDs are enabled/disabled according to the STRB0, STRB1 input. The
flash safety timer is activated, and the video light watchdog timer is disabled.
The dual-wire camera-module interface STRB0 and STRB1 inputs are used for selecting the video light (STRB1
= 1) or flash (STRB1 = 0) mode. The STRB0 signal then triggers the video light or flash, depending on the state
of STRB1. The STT bit defines if the flash trigger is level sensitive (STT = 0), or fired on the rising edge (STT =
1).
Level-Sensitive Flash Trigger (STT = 0)
In this mode, the high-power LEDs are driven at the flash-current level and the safety timer (STIM) is running.
The maximum duration of the flash pulse is defined in the STIM[2:0] register.
The safety timer is triggered on rising edge and stopped by a negative logic on the synchronization source
(STRB0, STRB1 = 0) or by a timeout event (TO bit).
Figure 39. Hardware Synchronized Video Light and flash Strobe
Rising-Edge Flash Trigger (STT = 1)
In this mode, the high-power LEDs are driven at the flash current level and the safety timer (STIM) is running.
The duration of the flash pulse is defined in the STIM[2:0] register.
The flash strobe is started either by a rising edge on the synchronization source (STRB0 = 1, STRB1 = 0) or by a
positive transition on the START-FLASH/TIMER (SFT) bit (STRB0 = 1, STRB1 = 0). Once running, the timer
ignores all kind of triggering signals and only stops after a timeout (TO). START-FLASH/TIMER (SFT) bit is being
reset by the timeout (TO) signal.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS61310 TPS61311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com