Electronic Components Datasheet Search
  English  ▼

X  

TPS61311 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61311
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61311 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS61311 Datasheet HTML 13Page - Texas Instruments TPS61311 Datasheet HTML 14Page - Texas Instruments TPS61311 Datasheet HTML 15Page - Texas Instruments TPS61311 Datasheet HTML 16Page - Texas Instruments TPS61311 Datasheet HTML 17Page - Texas Instruments TPS61311 Datasheet HTML 18Page - Texas Instruments TPS61311 Datasheet HTML 19Page - Texas Instruments TPS61311 Datasheet HTML 20Page - Texas Instruments TPS61311 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
t-Time=2 s/div
m
SW
(5V/div)
I
(200mA/div)
L
V
(100mV/div-4.95VOffset)
OUT
V =3.6V,
IN
V
=4.95V
I
=50mA,I
=1750mA
OUT
OUT
LIM
PFM/PWMOperation
ENPSMbit=1
t-Time=2 s/div
m
SW
(5V/div)
I
(200mA/div)
L
V
(100mV/div-3.825VOffset)
OUT
V =4.2V,
IN
V
=3.825V
I
=50mA,I
=1750mA
OUT
OUT
LIM
PFM/PWMOperation
ENPSMbit=1
I
(20mA/div)
LED2
t-Time=10µs/div
Frequency=30kHz
DutyCycle=23%
t-Time=125ns/div
SW
(2V/div)
I
(200mA/div)
L
V
(20mV/div-4.95VOffset)
OUT
V =3.6V,
IN
V
=4.95V
I
=300mA,I
=1750mA
OUT
OUT
LIM
ForcedPWMOperation
ENPSMbit=0
TPS61310, TPS61311
www.ti.com
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS (continued)
Figure 30. LOW-LIGHT DIMMING MODE OPERATION
Figure 31. PWM OPERATION
Figure 32. PFM OPERATION
Figure 33. DOWN-MODE OPERATION (VOLTAGE MODE)
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS61310 TPS61311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com