Electronic Components Datasheet Search
  English  ▼

X  

TPS61311 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61311
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61311 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61311 Datasheet HTML 1Page - Texas Instruments TPS61311 Datasheet HTML 2Page - Texas Instruments TPS61311 Datasheet HTML 3Page - Texas Instruments TPS61311 Datasheet HTML 4Page - Texas Instruments TPS61311 Datasheet HTML 5Page - Texas Instruments TPS61311 Datasheet HTML 6Page - Texas Instruments TPS61311 Datasheet HTML 7Page - Texas Instruments TPS61311 Datasheet HTML 8Page - Texas Instruments TPS61311 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
TPS61310, TPS61311
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. AVAILABLE OPTIONS
PART NUMBER(1)
PACKAGE MARKING
PACKAGE
DEVICE SPECIFIC FEATURES(2)
TPS61310YFF
TPS61310
up to 1750 mA (typ.) input valley current
CSP-20
TPS61311YFF
TPS61311
up to 2480 mA (typ.) input valley current
(1)
The YFF package is available in tape and reel. Add R suffix (TPS6131xYFFR) to order quantities of 3000 parts per reel, T suffix for 250
parts per reel.
(2)
For more details, refer to the section Application Diagrams.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Voltage range on AVIN, VOUT, SW, LED1, LED2, LED3(2)
–0.3 to 7
V
VI
Voltage range on SCL, SDA, STRB0, STRB1, NRESET, GPIO/PG(2)
–0.3 to 7
V
Voltage range on Tx-MASK, TS (2)
–0.3 to 7
V
Current on GPIO/PG
±25
mA
Power dissipation
Internally limited
TA
(3)
Operating ambient temperature range
–40 to 85
°C
TJ (MAX)
Maximum operating junction temperature
150
°C
Tstg
Storage temperature range
–65 to 150
°C
Human body model
2
kV
ESD rating (4)
Charge device model
500
V
Machine model
100
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature [TA(max)] is dependent on the maximum operating junction temperature [TJ(max)], the
maximum power dissipation of the device in the application [PD(max)], and the junction-to-ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max) = TJ(max) – (θJA × PD(max))
(4)
The human body model is a 100-pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
DISSIPATION RATINGS
PACKAGE
THERMAL RESISTANCE(1)
THERMAL RESISTANCE(1)
POWER RATING
DERATING FACTOR
θJA
θJB
TA = 25°C
ABOVE(2) TA = 25°C
YFF
71°C/W
21°C/W
1.4 W
14mW/°C
(1)
Simulated with high-K board
(2)
Maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/ θJA.
2
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPS61310 TPS61311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com