Electronic Components Datasheet Search
  English  ▼

X  

TPS61311 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61311
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61311 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS61311 Datasheet HTML 25Page - Texas Instruments TPS61311 Datasheet HTML 26Page - Texas Instruments TPS61311 Datasheet HTML 27Page - Texas Instruments TPS61311 Datasheet HTML 28Page - Texas Instruments TPS61311 Datasheet HTML 29Page - Texas Instruments TPS61311 Datasheet HTML 30Page - Texas Instruments TPS61311 Datasheet HTML 31Page - Texas Instruments TPS61311 Datasheet HTML 32Page - Texas Instruments TPS61311 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
TPS61310, TPS61311
www.ti.com
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
The integrated current control loop automatically selects the minimum boost ratio to maintain regulation based on
the LED forward voltage and current requirements. The low-side current regulators drop the voltage difference
between the input voltage and the LEDs forward voltage (VF(LED) < VIN). When running in boost mode (VF(LED) >
VIN), the voltage present at the LED1-3 pins of the low-side current regulators is typically 400mV, leading to high
power conversion efficiency. Depending on the input voltage and the LEDs forward voltage characteristic the
converter efficiency is approximately 75% to 90%.
START-UP SEQUENCE
To avoid high inrush current during start-up, special care is taken to control the inrush current. When the device
enables, the internal startup cycle starts with the first step, the pre-charge phase.
During pre-charge, the rectifying switch is turned on until the output capacitor is either charged to a value close
to the input voltage or
≈ 3.3V, whichever occurs first. The rectifying switch is current-limited during that phase.
The current limit increases with decreasing input-to-output voltage difference. This circuit also limits the output
current under output short-circuit conditions.
After having pre-charged the output capacitor, the device starts switching, and increases its current limit in three
steps of typically 25mA, 250mA and full current limit (ILIM setting). The current-limit transition from the first to the
second step occurs after 1ms of operation. Full current limit operation is set once the output voltage has reached
its regulation limits. In this mode, the active balancing circuit is disabled.
NRESET INPUT: HARDWARE ENABLE / DISABLE
The TPS6131x family features a hardware reset pin (NRESET). This reset pin allows the device to be disabled
by an external controller without requiring an I2C write command. Under normal operation, the NRESET pin
should be held high to prevent an unwanted reset. When the NRESET is driven low, the I2C control interface and
all internal control registers are reset to the default states and the part enters shutdown mode.
SHUTDOWN
Writing 00 to MODE_CTRL[1:0] bits forces the device into shutdown. The shutdown state can only be entered
when the voltage regulation (ENVM = 0) and light modes are both turned off.
In the shutdown state:
•
The regulator stops switching.
•
The high-side PMOS disconnects the load from the input.
•
The LEDx pins are high impedance thus eliminating any DC conduction path.
•
The TPS6131x device actively discharges the output capacitor when it turns off.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TPS61310 TPS61311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com