Electronic Components Datasheet Search
  English  ▼

X  

CT2566 Datasheet(PDF) 32 Page - Aeroflex Circuit Technology

Part # CT2566
Description  CT2566 MIL-STD-1553 to Microprocessor Interface Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2566 Datasheet(HTML) 32 Page - Aeroflex Circuit Technology

Back Button CT2566 Datasheet HTML 28Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 29Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 30Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 31Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 32Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 33Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 34Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 35Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 36Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Aeroflex Circuit Technology
SCDCT2566 REV B 8/10/99 Plainview NY (516) 694-6700
32
Figure 36 – MT SOM timing (no contention)
MT SOM Timing (No Contention)
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
td16
MT SOM Cycle DMA delay
-
120
ns
tpw6
BCSTART low pulse width
70
-
ns
STACK ADDRESS
(Internal)
12 MHz Clock
tpw6
D01 (28)
SELECT (1)
D15-D00
A15-A00
BCSTART (46)
MEMOE (56)
MEMCS (16)
READYD (3)
IOEN (42)
STRBD (41)
A00 (39)
A01 (77)
RD/WR (2)
MEM/REG (10)
A02 (38)
STACK POINTER
td16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com