Electronic Components Datasheet Search
  English  ▼

X  

CT2566 Datasheet(PDF) 20 Page - Aeroflex Circuit Technology

Part # CT2566
Description  CT2566 MIL-STD-1553 to Microprocessor Interface Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2566 Datasheet(HTML) 20 Page - Aeroflex Circuit Technology

Back Button CT2566 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 18Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 19Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 20Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 21Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 22Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 24Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Aeroflex Circuit Technology
SCDCT2566 REV B 8/10/99 Plainview NY (516) 694-6700
20
A02 (38)
A01 (77)
A00 (39)
SSFLAG, SSBUSY, SVCRQST
DBAC, RTU/BC, MT, CTLIN B/A
MEM/REG (10)
D15-D00
IOEN (42)
SELECT (1)
STRBD (41)
(Internal)
12MHz Clock
RD/WR (2)
READYD (3)
See Note
td1
td2
td9
tpw1
td8
td10
DATA LATCHED
Configuration Register Only
DATA VALID
Figure 22 – CPU writes to internal register
NOTE: STRBD to IOEN (low) delay is two clock cycles. If contention occurs, delay is two clock cycles following release of bus.
CPU Writes to Internal Register
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
td1
READYD low delay (CPU Handshake)
-
200
ns
td2
IOEN high delay (CPU Handshake)
-
20
ns
tpw1
READYD pulse width (CPU Handshake)
70
-
ns
td8
Internal Register delay (write)
-
60
ns
td9
Register Data/Address set-up time
-
40
ns
td10
Register Data/Address hold time
-
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com