Electronic Components Datasheet Search
  English  ▼

X  

CT2566 Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # CT2566
Description  CT2566 MIL-STD-1553 to Microprocessor Interface Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2566 Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button CT2566 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 15Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Aeroflex Circuit Technology
SCDCT2566 REV B 8/10/99 Plainview NY (516) 694-6700
11
BC Operation
The BC mode is selected by setting the two MSBs of
the Configuration Register to logic "0". This can be done
by writing directly to the register or by issuing a
MSTRCLR or RESET command. Note that a RESET
will also clear the Interrupt Mask Register.
BC Initialization.
For BC operation, the user initializes the RAM as
shown in Table 3 and follows the steps in Figure 11, BC
Initialization. The CPU loads the data blocks with 1553
messages (See Figure 12). The first word of each data
block must contain the Control Word (shown in Figure
13) for the message. The starting addresses of the data
blocks are placed in the fourth word of the Descriptor
Stack in the order the messages are to be transmitted
(i.e. the address of the first message is loaded into the
fourth location of the Stack, the address of the second
message is placed into the eighth location, etc). Once
the data blocks and the Descriptor Stack have been
initialized, the CPU loads the current area message
count with the number of messages to transfer (load in
1’s complement).
Table 3 - Typical BC Memory Map
(4K memory)]
HEX ADDRESS
FUNCTION
Fixed Areas
0100
Stack Pointer A
0101
Message Count A
0104
Stack Pointer B
0105
Message Count B
User Defined Areas
0108-013F
Not Used
0140-017F
Data Block 1
0180-01BF
Data Block 2
01C0-01FF
Data Block 3
•
•
•
•
0F00-0FFF
Descriptor Stack A
0000-00FF
Descriptor Stack B
CONTROL
WORD
CONTROL
WORD
CONTROL
WORD
CONTROL
WORD
CONTROL
WORD
CONTROL
WORD
RECEIVE
COMMAND
TRANSMIT
COMMAND
RECEIVE
COMMAND
MODE
COMMAND
TRANSMIT
COMMAND
BROADCAST
COMMAND
CONTROL
WORD
MODE
COMMAND
MODE
COMMAND
DATA WORD
1
DATA WORD
2
DATA WORD
LAST
STATUS
WORD
STATUS
WORD
STATUS
WORD
DATA WORD
1
DATA WORD
2
DATA WORD
LAST
DATA WORD
1
DATA WORD
2
DATA WORD
LAST
STATUS
RECEIVE
DATA WORD
1 RECEIVED
DATA WORD
2 RECEIVED
DATA WORD
DATA WORD
RECEIVED
STATUS
RECEIVED
STATUS
WORD 1
FROM XMTR
STATUS
WORD 2
RECEIVER
FROM
TERMINAL TO
TERMINAL
LAST DATA
WORD
RECEIVED
DATA WORD
LOOPED
CT2565
BACK BY
REMOTE
REMOTE
DATA BLOCK
COMMAND
BACK BY
TRANSMIT
LOOPED
CT2565
COMMAND
BACK BY
BROADCAST
LOOPED
CT2565
COMMAND
BACK BY
MODE
LOOPED
CT2565
COMMAND
BACK BY
MODE
LOOPED
CT2565
DATA WORD
BACK BY
LOOPED
CT2565
LAST
BACK BY
DATA WORD
LOOPED
CT2566
TRANSMIT
DATA BLOCK
RECEIVE
DATA BLOCK
WITH DATA
DATA BLOCK
MODE CODE
TRANSMIT
FORMAT
COMMAND
BACK BY
TRANSMIT
LOOPED
CT2565
WITH DATA
DATA BLOCK
MODE CODE
RECEIVE
FORMAT
MODE CODE
WITHOUT
DATA
BROADCAST
COMMAND
WITH DATA
BROADCAST
COMMAND
(NO DATA)
BROADCAST
COMMAND
(NO DATA)
Figure 12 – BC Message Data Block Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com