Electronic Components Datasheet Search
  English  ▼

X  

CT2566 Datasheet(PDF) 18 Page - Aeroflex Circuit Technology

Part # CT2566
Description  CT2566 MIL-STD-1553 to Microprocessor Interface Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2566 Datasheet(HTML) 18 Page - Aeroflex Circuit Technology

Back Button CT2566 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 18Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 19Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 20Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 21Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 22Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Aeroflex Circuit Technology
SCDCT2566 REV B 8/10/99 Plainview NY (516) 694-6700
18
td11
BC SOM Cycle DMA delay
-
120
ns
td12
INT low delay
-
50
ns
td13
RTU SOM Cycle DMA delay
-
200
ns
td14
1553 Command Word set-up time
60
-
ns
td15
1553 Command Word hold time
60
-
ns
td16
MT SOM Cycle DMA delay
-
120
ns
td17
CS low to MEMCS low delay
-
30
ns
td18
OE low to MEMOE low delay
-
30
ns
td19
WR low to MEMWR low delay
-
30
ns
td20
BUSGRNT high delay
-
25
ns
td21
BUSACK low Address delay
-
45
ns
td22
BUSACK high Address delay
-
25
ns
td23
Address increment delay
-
200
ns
Pulse Width Timing
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
tpw1
READYD pulse width (CPU Handshake)
70
-
ns
tpw2
CPU MEMWR low pulse width
70
-
ns
tpw3
CPU MEMCS low pulse width
70
-
ns
tpw4
EXTLD low pulse width
70
-
ns
tpw5
RESET low pulse width
70
-
ns
tpw6
DMA MEMWR low pulse width
70
-
ns
tpw7
DMA MEMCS low pulse width
70
-
ns
tpw8
BCSTART low pulse width
70
-
ns
tpw9
EOM low pulse width
50
200
ns
tpw10
INT low pulse width
*
tpw9
ns
tpw11
INT low (BCEOM) pulse width
60
-
ns
tpw12
SOM low pulse width
50
200
ns
tpw13
NBGRNT low pulse width
50
200
ns
tpw14
ADRINC low pulse width
50
200
ns
tpw15
MSTRCLR low pulse width
150
-
ns
*The min value of tpw10 equals tpw9 minus 30 ns.
Delay Timing (Cont.)
SYMBOL
DESCRIPTION
MIN
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com