Electronic Components Datasheet Search
  English  ▼

X  

CT2566 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # CT2566
Description  CT2566 MIL-STD-1553 to Microprocessor Interface Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2566 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  CT2566 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Aeroflex Circuit Technology
SCDCT2566 REV B 8/10/99 Plainview NY (516) 694-6700
5
56
MEMOE
O
Memory Output Enable. Output from CT2566 to enable
memory output data.
57
MEMWR
O
Memory Write. Output pulse from CT2566 to write data bus
data into memory.
58
Not Used
-
-
59
MT
O
Bus Monitor. Used in conjunction with RTU/BC to set
operating mode.
60
D14
I/O
Data Bus Bit 14.
61
D12
I/O
Data Bus Bit 12.
62
D10
I/O
Data Bus Bit 10.
63
D08
I/O
Data Bus Bit 8.
64
D06
I/O
Data Bus Bit 6.
65
D04
I/O
Data Bus Bit 4.
66
D02
I/O
Data Bus Bit 2.
67
D00
I/O
Data Bus Bit 0 (LSB).
68
SVCREQ
O
Service Request. Used to set service request bit in RT Status
Word.
69
DBAC
O
Dynamic Bus Acceptance. Used to set status bit in RT Status
Word.
70
A15
O
Address Bit 15 (MSB).
71
A13
O
Address Bit 13.
72
A11
O
Address Bit 11.
73
A09
O
Address Bit 9.
74
A07
O
Address Bit 7.
75
A05
O
Address Bit 5.
76
A03
O
Address Bit 3.
77
A01
I/O
Address Bit 1.
78
GND
-
Chassis Ground.
PIN NO.
FUNCTION
PIN NO.
FUNCTION
1
N/C
42
N/C
2
SELECT
43
GROUND
3
STRBD
44
CHASSIS GROUND
4
RD/WR
45
A00 (LSB)
5
IOENBL
46
A01
6
READYD
47
A02
7
EXTLD
48
A03
Table 3 – CT2566FP Pin Functions (82 Pin Flat Package)
PIN NO.
NAME
I/O
DESCRIPTION
Table 2 – Pin Functions (78 Pin DIP) (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com