Electronic Components Datasheet Search
  English  ▼

X  

CT2566 Datasheet(PDF) 26 Page - Aeroflex Circuit Technology

Part # CT2566
Description  CT2566 MIL-STD-1553 to Microprocessor Interface Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2566 Datasheet(HTML) 26 Page - Aeroflex Circuit Technology

Back Button CT2566 Datasheet HTML 22Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 24Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 25Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 26Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 27Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 28Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 29Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 30Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Aeroflex Circuit Technology
SCDCT2566 REV B 8/10/99 Plainview NY (516) 694-6700
26
td23
A15-A00
BUSACK (53)
ADRINC (9)
ADDRESS
ADDRESS + 1
td14
MSTRCLR (52)
RESET (47)
tpw15
td6
See Note
Figure 29 – CT2566 Unit Address Increment
Figure 30 – CT2566 direct reset
CT2566 Direct Increment
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
td6
RESET low delay
-
30
ns
tpw15
MSTRCLR low pulse width
150
-
ns
CT2566 Address Increment
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
tpw14
ADRINC low pulse width
50
200
ns
td23
Address increment delay
-
200
ns
NOTE: The RESET (low) pulse width will be approximately equal to that of MSTRCLR (low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com