Electronic Components Datasheet Search
  English  ▼

X  

CT2566 Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # CT2566
Description  CT2566 MIL-STD-1553 to Microprocessor Interface Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2566 Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button CT2566 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 18Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Aeroflex Circuit Technology
SCDCT2566 REV B 8/10/99 Plainview NY (516) 694-6700
14
2. Updates the Block Status Word by resetting the
SOM and setting EOM and any error bits.
3. Updates the Time Tag if used.
4. Increments the contents of the Stack Pointer by
four and increments the Message Counter by
one.
5. Initiates a message transfer beginning with new
Controller Start sequence if more messages are
to be transmitted.
6. Generates a BCEOM interrupt if enabled and no
further messages are to be transmitted.
Note that if an error is received and STOP ON
ERROR is set, the CT2566 completes the current
BCEOM sequence and then stops. The Stack Pointer
will point to the next message to be transmitted.
RTU Operation
The RTU mode is selected by setting bit 15 of the
Configuration Register to logic "1" and bit 14 to
logic "0".
RTU Initialization
For RTU operation, the user initializes the RAM as
shown in Table 4 and follows the steps shown in Figure
15, RTU Initialization Chart.
Look-Up Tables
The first 32 words of the Look-Up Table are initialized
with the addresses of the data blocks to be used when
received data from subaddress 0, 1, 2,…31. The next
32 table locations should be initialized with the address
of the data blocks to be used when the RTU is
instructed to transmit data from subaddress 0, 1,
2,…31. The data blocks may be any length sufficient to
contain the particular message as long as the data
block does not cross a 256 word boundary. Data blocks
may be shared by Look-Up Tables A and B, if desired
by the user (See Figure 16). The 1553 device can only
access the current Look-Up Table and the current
Descriptor Stack. The CPU selects the current area
through bit 13 of the Configuration Register.
Once in the RTU mode, the CT2566 will store the
command word in the fourth location of the current area
Descriptor Stack. The status of the message will be
recorded in the first location of the stack.
The data associated with the message will be
transferred to/from the data block indicated by the
Look-Up Table entry for that subaddress. If a system
Time Tag is provided by the user the CT2566 will
record the time of the SOM sequence in the second
word of the Stack entry.
When the CT2566 received an EOM pulse from the
1553 device, it resets the SOM bit in the Block Status
Word and sets the EOM bit and any error bits as
necessary. The Time Tag entry will be updated and an
EOM interrupt will be generated by the CPU, if enabled.
RTU SOM Sequence
Initiated when 1553 terminal puts a 1553 command
word on D00-D15 and pulses SOM low. The CT2566
saves the command received in an internal register.
Figure 17 illustrates the RTU Sequence of Operation
once a 1553 command word is received. Once the
command word is received, the CT2566 performs the
following steps:
1. Reads the Stack Pointer to get the address of the
current Descriptor Stack Entry.
2. Stores a SOM flag in the Block Status Word to
indicate a transfer operation is in progress.
3. Stores the Time Tag if used.
Table 4 – Typical RTU memory map (4K memory)
HEX ADDRESS
FUNCTION
Fixed Areas
0100
Descriptor Stack Pointer A
0101
Reserved
0104
Descriptor Stack Pointer B
0105
Reserved
0108-013F
Spare
0140-017F
Look-Up Table A
01C0-01FF
Look-Up Table B
User Defined Areas
0180-019F
Data Block 1
01A0-01BF
Data Block 2
0200-021F
Data Block 3
0220-023F
Data Block 4
0240-025F
Data Block 5
0260-027F
Data Block 6
•
•
•
•
0EE0-0EFF
Data Block 107
0000-00FF
Descriptor Stack A
0F00-0FFF
Descriptor Stack B
15
8 7 6 5 4
0
0 0 0 0 0 0 0 0
1
CURRENT AREA B/A
(CONFIG. REG BIT 13)
TR (FROM COMMAND
WORD)
RTU SUBADDRESS BITS
(FROM COMMAND WORD)
RTU LOOK-UP TABLE ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com