Electronic Components Datasheet Search
  English  ▼

X  

CT2566 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # CT2566
Description  CT2566 MIL-STD-1553 to Microprocessor Interface Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2566 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  CT2566 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Aeroflex Circuit Technology
SCDCT2566 REV B 8/10/99 Plainview NY (516) 694-6700
4
28
D01
I/O
Data Bus Bit 1.
29
SSFLAG
O
Subsystem Flag. Output to 1553 device to set RT subsystem
flag status bit.
30
SSBUSY
O
Subsystem Busy. Output to 1553 device to set RT subsystem
busy flag.
31
RTU/BC
O
Output to 1553 device used in conjunction with MT to set
operating mode.
32
A14
O
Address Bit 14.
33
A12
O
Address Bit 12.
34
A10
O
Address Bit 10.
35
A08
O
Address Bit 8.
36
A06
O
Address Bit 6.
37
A04
O
Address Bit 4.
38
A02
I/O
Address Bit 2.
39
A00
I/O
Address Bit 0 (LSB).
40
GND
-
Signal Return.
41
STRBD
I
Strobe Data. Used in conjunction with SELECT to indicate a
data transfer cycle to/from CPU.
42
IOEN
O
Input/Output Enable. Output from CT2566 to enable external
buffers/latches connecting the hybrid to the address/data
bus.
43
EXTLD
O
External Load. Used to load data into external device via the
CT2566 data bus. Same timing as MEMWR.
44
CHB/CHA
Input from 1553 in RT mode used to indicate received 1553
message came in either Channel A or B.
45
INT
O
Interrupt. Interrupt pulse line to CPU.
46
BCSTART
O
Bus Controller Start. Outputs to 1553 in initiate BC cycle.
47
RESET
O
Reset. Output to external device from CT2566 consisting of
the OR condition of CPU reset and CPU Master Clear.
48
MSGERR
I
Message Error. Input from 1553 device when an error occurs
in message sequence.
49
CTLIN B/A
I
Input to change active memory map area (0 = area A).
50
CTLOUT B/A
O
Output from CT2566 selecting which area is to be active (0 =
area A).
51
TIMEOUT
I
Input from 1553 device indicating no response time-out.
52
MSTRCLR
I
Master Clear. Power-on reset from CPU. Resets DMA in
progress and internal registers to logic “0”.
53
BUSACK
I
Bus Acknowledge. Input from 1553 device acknowledge
receipt of BUSGRNT.
54
WR
I
Write. Input from 1553 device for writing data into memory.
55
CS
I
Chip Select. Input from 1553 device that is routed to
MEMCS.
PIN NO.
NAME
I/O
DESCRIPTION
Table 2 – Pin Functions (78 Pin DIP) (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com