Electronic Components Datasheet Search
  English  ▼

X  

CT2566 Datasheet(PDF) 30 Page - Aeroflex Circuit Technology

Part # CT2566
Description  CT2566 MIL-STD-1553 to Microprocessor Interface Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2566 Datasheet(HTML) 30 Page - Aeroflex Circuit Technology

Back Button CT2566 Datasheet HTML 26Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 27Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 28Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 29Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 30Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 31Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 32Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 33Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 34Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
BCSTART (46)
TAGEN (5)
MEMOE (56)
MEMWR (57)
MEMCS (16)
SOM (7)
td13
A15-A00
STACK POINTER
D15-D00
STACK ADDRESS + 1
STACK ADDRESS + 3
STACK ADDRESS + 2
STACK ADDRESS
LOOK-UP ADDRESS
STACK ADDRESS
BLOCK STATUS WORD
TIME TAG
TRI-STATE
COMMAND
BLOCK ADDRESS
1553 COMMAND
WORD
tpw8
tpw12
tpw13
td15
td14
NBGRNT (19)
Figure 34 – RTU SOM (no contention)
RTU SOM Timing (No Contention)
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
td13
RTU SOM Cycle DMA delay
-
200
ns
td14
1553 Command Word set-up time
60
-
ns
td15
1553 Command Word hold time
60
-
ns
tpw8
BCSTART low pulse width
70
-
ns
tpw12
SOM low pulse width
50
200
ns
tpw13
NBGRNT low pulse width
50
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com