Electronic Components Datasheet Search
  English  ▼

X  

CA16B2CNN Datasheet(PDF) 8 Page - Agere Systems

Part # CA16B2CNN
Description  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CA16B2CNN Datasheet(HTML) 8 Page - Agere Systems

Back Button CA16B2CNN Datasheet HTML 4Page - Agere Systems CA16B2CNN Datasheet HTML 5Page - Agere Systems CA16B2CNN Datasheet HTML 6Page - Agere Systems CA16B2CNN Datasheet HTML 7Page - Agere Systems CA16B2CNN Datasheet HTML 8Page - Agere Systems CA16B2CNN Datasheet HTML 9Page - Agere Systems CA16B2CNN Datasheet HTML 10Page - Agere Systems CA16B2CNN Datasheet HTML 11Page - Agere Systems CA16B2CNN Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
Agere Systems Inc.
CA16-Type 2.5 Gbits/s DWDM Transponder with
Advance Data Sheet
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
March 2001
83
TxDGND
I
Supply
Transmitter Digital Ground
84
TxREFCLKP
I
LVPECL
Transmitter 155 Mbits/s Reference Clock Input
85
TxREFCLKN
I
LVPECL
Transmitter 155 Mbits/s Reference Clock Input
86
TxD14P
I
LVPECL
Transmitter 155 Mbits/s Data Input
87
TxD14N
I
LVPECL
Transmitter 155 Mbits/s Data Input
88
TxDGND
I
Supply
Transmitter Digital Ground
89
TxD12P
I
LVPECL
Transmitter 155 Mbits/s Data Input
90
TxD12N
I
LVPECL
Transmitter 155 Mbits/s Data Input
91
TxD10P
I
LVPECL
Transmitter 155 Mbits/s Data Input
92
TxD10N
I
LVPECL
Transmitter 155 Mbits/s Data Input
93
TxDGND
I
SUPPLY
Transmitter Digital Ground
94
TxD08P
I
LVPECL
Transmitter 155 Mbits/s Data Input
95
TxD08N
I
LVPECL
Transmitter 155 Mbits/s Data Input
96
TxD06P
I
LVPECL
Transmitter 155 Mbits/s Data Input
97
TxD06N
I
LVPECL
Transmitter 155 Mbits/s Data Input
98
TxDGND
I
Supply
Transmitter Digital Ground
99
TxD04P
I
LVPECL
Transmitter 155 Mbits/s Data Input
100
TxD04N
I
LVPECL
Transmitter 155 Mbits/s Data Input
101
TxD02P
I
LVPECL
Transmitter 155 Mbits/s Data Input
102
TxD02N
I
LVPECL
Transmitter 155 Mbits/s Data Input
103
TxDGND
I
SUPPLY
Transmitter Digital Ground
104
TxD00P
I
LVPECL
Transmitter 155 Mbits/s LSB Data Input
105
TxD00N
I
LVPECL
Transmitter 155 Mbits/s LSB Data Input
106
TxDGND
I
Supply
Transmitter Digital Ground
107
PCLKP
O
LVPECL
Transmitter Parallel Reference Clock Output
108
PCLKN
I
LVPECL
Transmitter Parallel Reference Clock Output
109
TxDGND
I
Supply
Transmitter Digital Ground
110
TxAGND
I
Supply
Transmitter Analog Ground
111
Tx3.3D
I
Supply
Transmitter Digital 3.3 V Supply
112
Tx3.3A
I
Supply
Transmitter Analog 3.3 V Supply
113
NC
—
—
Future Function (I2C Clock)
114
PHINIT
I
LVPECL
Phase Initialization
115
TXDIS
I
TTL
Transmitter Disable
116
NC
—
—
Future Function (I2C Data)
117
PHERR
O
LVPECL
Phase Error
118
LLOOP
I
LVTTL
Line Loopback (active-low)
119
LOS
O
LVTTL
Loss of Signal
120
RxDGND
I
Supply
Receiver Digital Ground
121
OOF
I
LVTTL
Out of Frame (enable frame detection)
122
RxDGND
I
Supply
Receiver Digital Ground
123
Rx3.3D
I
Supply
Receiver Digital 3.3 V Supply
Pin #
Pin Name
I/O
Logic
Description
Pin Descriptions (continued)
Table 1. CA16-Type Transponder Pinout (continued)
1. Frame ground is connected to the housing and is isolated from all circuit grounds (TxDGND, TxAGND, RxDGND, RxAGND).
2. Pins labeled no connection must remain open circuits; they have internal voltages and must not be connected to V CC, Ground,
or any signal node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com