Electronic Components Datasheet Search
  English  ▼

X  

CA16B2CNN Datasheet(PDF) 17 Page - Agere Systems

Part # CA16B2CNN
Description  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CA16B2CNN Datasheet(HTML) 17 Page - Agere Systems

Back Button CA16B2CNN Datasheet HTML 13Page - Agere Systems CA16B2CNN Datasheet HTML 14Page - Agere Systems CA16B2CNN Datasheet HTML 15Page - Agere Systems CA16B2CNN Datasheet HTML 16Page - Agere Systems CA16B2CNN Datasheet HTML 17Page - Agere Systems CA16B2CNN Datasheet HTML 18Page - Agere Systems CA16B2CNN Datasheet HTML 19Page - Agere Systems CA16B2CNN Datasheet HTML 20Page - Agere Systems CA16B2CNN Datasheet HTML 21Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17
Agere Systems Inc.
Advance Data Sheet
CA16-Type 2.5 Gbits/s DWDM Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Electrical Characteristics (continued)
1. 20% to 80%.
2. Internally biased and ac-coupled.
3. The transmitter is normally enabled and only requires an external voltage to disable.
4. The WDEA alarm becomes active when the optical wavelength deviates from the nominal center wavelength by more than 100 pm.
5. Set at 500 mV at nominal optical output power. Provides linear PO tracking (–3 dB = 250 mV, +3 dB = 1000 V).
6. Terminated into 200
Ω to GND and 100 Ω line-to-line.
Table 8. Receiver Electrical I/O Characteristics (Tc = 0 °C to 65 °C, Vcc = 3.3 V ± 5%)
1. Terminated into 330
Ω to ground.
2. 20% to 80%, 330
Ω to ground.
Table 7. Transmitter Electrical I/O Characteristics (TC = 0 °C to 65 °C, VCC = 3.3 V ± 5%) (continued)
Parameter
Symbol
Logic
Min
Typ
Max
Unit
Phase Error5:
Output High, VOH
Output Low, VOL
PHERR
LVPECL
VCC – 1.2
VCC – 2.2
—
—
VCC – 0.65
VCC – 1.5
V
V
Line Loopback Enable:
Active-low:
Input High, VIH
Input Low, VIL
LLOOP
LVTTL
2.0
0
—
—
VCC + 1.0
0.8
V
V
Diagnostic Loopback Enable:
Active- low:
Input High, VIH
Input Low, VIL
DLOOP
LVTTL
2.0
0
—
—
VCC + 1.0
0.8
V
V
Parallel Output Clock6:
Output High, VOH
Output Low, VOL
Differential Voltage Swing,
∆VDIFF
S-E Voltage Swing,
∆VSINGLE
PCLKP/N
Differential
LVPECL
VCC – 1.15
VCC – 1.95
800
400
—
—
—
—
VCC – 0.6
VCC – 1.45
1900
950
V
V
mV
mV
Parameter
Symbol
Logic
Min
Typ
Max
Unit
Parallel Output Clock:
Output High, VOH
Output Low, VOL
POCLKP/N
Differential
LVPECL
VCC – 1.3
VCC – 2.0
—
—
VCC – 0.7
VCC – 1.4
V
V
POCLk Duty Cycle
—
—
40
—
60
%
Output Data Signal Levels1:
Output High, VOH
Output Low, VOL
RxQ[0:15]P/N
Differential
LVPECL
VCC – 1.3
VCC – 2.0
—
—
VCC – 0.7
VCC – 1.4
V
V
RxQ[0:15] Rise/Fall Time2
——
——
1.0
ns
Frame Pulse:
Output High, VOH
Output Low, VOL
FP
LVPECL
VCC – 1.3
VCC – 2.0
—
—
VCC – 0.7
VCC – 1.4
V
V
Loss-of-Signal Output:
Output High, VOH
Output Low, VOL
LOS
LVTTL
2.4
0
—
—
VCC
0.4
V
V
Out-of-Frame Input:
Input High, VIH
Input Low, VIL
OOF
LVTTL
2.0
0.0
—
—
TTL VCC + 1.0
0.8
V
V
Frame Enable Input
Input High, VIH
Input Low, VIL
FRAMEN
LVTTL
2.0
0.0
—
—
TTL VCC + 1.0
0.8
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com