Electronic Components Datasheet Search
  English  ▼

X  

CA16B2CNN Datasheet(PDF) 26 Page - Agere Systems

Part # CA16B2CNN
Description  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CA16B2CNN Datasheet(HTML) 26 Page - Agere Systems

Back Button CA16B2CNN Datasheet HTML 22Page - Agere Systems CA16B2CNN Datasheet HTML 23Page - Agere Systems CA16B2CNN Datasheet HTML 24Page - Agere Systems CA16B2CNN Datasheet HTML 25Page - Agere Systems CA16B2CNN Datasheet HTML 26Page - Agere Systems CA16B2CNN Datasheet HTML 27Page - Agere Systems CA16B2CNN Datasheet HTML 28Page - Agere Systems CA16B2CNN Datasheet HTML 29Page - Agere Systems CA16B2CNN Datasheet HTML 30Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
26
Agere Systems Inc.
CA16-Type 2.5 Gbits/s DWDM Transponder with
Advance Data Sheet
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
March 2001
Timing Characteristics (continued)
1-1025(F)
Figure 14. FRAMEN Timing
Wavelength Selection
When the wavelength select (WS) pin is at a logic low or open circuited, the optical wavelength from the CA16
transmitter will be a nominal wavelength as determined by the device code purchased. If the WS pin is pulled high
(logic 1), the optical wavelength will change to the next lower ITU channel number (100 GHz spacing,
λ will
increase approximately 0.8 nm).
During the wavelength change, the transmitter’s optical output will be disabled and the wavelength deviation error
alarm will be active until the wavelength has stabilized at its new value. The LSRALM will also be active (logic 1)
during the wavelength change process.
BOUNDARY DETECTION ENABLED
OOF
FRAMEN
FP
SEARCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com