Electronic Components Datasheet Search
  English  ▼

X  

CA16B2CNN Datasheet(PDF) 25 Page - Agere Systems

Part # CA16B2CNN
Description  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CA16B2CNN Datasheet(HTML) 25 Page - Agere Systems

Back Button CA16B2CNN Datasheet HTML 21Page - Agere Systems CA16B2CNN Datasheet HTML 22Page - Agere Systems CA16B2CNN Datasheet HTML 23Page - Agere Systems CA16B2CNN Datasheet HTML 24Page - Agere Systems CA16B2CNN Datasheet HTML 25Page - Agere Systems CA16B2CNN Datasheet HTML 26Page - Agere Systems CA16B2CNN Datasheet HTML 27Page - Agere Systems CA16B2CNN Datasheet HTML 28Page - Agere Systems CA16B2CNN Datasheet HTML 29Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
25
Agere Systems Inc.
Advance Data Sheet
CA16-Type 2.5 Gbits/s DWDM Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Figure 12. Frame and Byte Detection
1-1024(F)
Figure 13. OOF Timing (FRAMEN = High)
RECOVERED
CLOCK
OOF
SERIAL
DATA
RXD[15:0]
ROCLK
A1
A1
A1
A2
A2
A2
A2
A2
A2
A1, A1
A1, A1
A1, A1
A2, A2
A2, A2
A2, A2
A2, A2
INVALID DATA
VALID DATA
FP
OOF
FP
SEARCH
BOUNDARY DETECTION ENABLED
Timing Characteristics (continued)
Receiver Framing
Note: Future versions of the cooled transponder
will not support the frame-detect function.
Figure 12 shows a typical reframe sequence in which a
byte realignment is made. The frame and byte bound-
ary detection is enabled by the rising edge of OOF.
Both the frame and byte boundaries are recognized
upon receipt of the first A2 byte following three consec-
utive A1 bytes. The third A2 byte is the first data byte to
be reported with the correct byte alignment on the out-
going data bus (RxD[15:0]). Concurrently, the frame
pulse (FP) is set high for one POCLK cycle.
The frame and byte boundary detection block is acti-
vated by the rising edge of OOF and stays active until
the first FP pulse.
Figure 13 shows the frame and byte boundary detec-
tion activation by a rising edge of OOF and deactiva-
tion by the first FP pulse.
Figure 14 shows the frame and byte boundary detec-
tion by the activation of a rising edge of OOF and deac-
tivation by the FRAMEN input.
1-1023(F)r.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com