Electronic Components Datasheet Search
  English  ▼

X  

CA16B2CNN Datasheet(PDF) 27 Page - Agere Systems

Part # CA16B2CNN
Description  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CA16B2CNN Datasheet(HTML) 27 Page - Agere Systems

Back Button CA16B2CNN Datasheet HTML 22Page - Agere Systems CA16B2CNN Datasheet HTML 23Page - Agere Systems CA16B2CNN Datasheet HTML 24Page - Agere Systems CA16B2CNN Datasheet HTML 25Page - Agere Systems CA16B2CNN Datasheet HTML 26Page - Agere Systems CA16B2CNN Datasheet HTML 27Page - Agere Systems CA16B2CNN Datasheet HTML 28Page - Agere Systems CA16B2CNN Datasheet HTML 29Page - Agere Systems CA16B2CNN Datasheet HTML 30Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
27
Agere Systems Inc.
Advance Data Sheet
CA16-Type 2.5 Gbits/s DWDM Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Qualification and Reliability
To help ensure high product reliability and customer satisfaction, Agere Systems Inc. is committed to an intensive
quality pro-gram that starts in the design phase and proceeds through the manufacturing process. Optoelectronics
modules are qualified to Agere internal standards using MIL-STD-883 test methods and procedures and using
sampling techniques consistent with Telcordia Technologies * requirements. This qualification program fully meets
the intent of Telcordia Technologies reliability practices TR-NWT-000468 andTA-TSY-000983. In addition, the
Agere Optoelectronics design, development, and manufacturing facility has been certified to be in full compliance
with the latest ISO † 9001 Quality System Standards.
* Telcordia Technologies is a trademark of Telcordia Technologies, Inc.
† ISO is a registered trademark of The International Organization for Standardization.
Laser Safety Information
Class I Laser Product
All versions of the CA16-type transponders are classified as Class I laser products per FDA/CDRH, 21 CFR 1040
Laser Safety requirements. The transponders have been registered/certified with the FDA under accession number
8720009. All versions are classified as Class I laser products per IEC ‡ 825-1:1993.
CAUTION: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
This product complies with 21 CFR 1040.10 and 1040.11.
8.8
µm single-mode pigtail with connector.
Wavelength = 1.5
µm.
Maximum power = 2.0 mW.
Product is not shipped with power supply.
Because of size constraints, laser safety labeling is not affixed to the module but is attached to the outside of the
shipping carton.
NOTICE
Unterminated optical connectors can emit laser radiation.
Do not view with optical instruments.
Electromagnetic Emissions and Immunity
The CA16 transponder will be tested against CENELEC EN50 081 part 1 and part 2, FCC 15, Class B limits for
emissions.
The CA16 transponder will be tested against CENELEC EN50 082 part 1 immunity requirements.
‡ IEC is a registered trademark of The International Electrotechnical Commission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com