Electronic Components Datasheet Search
  English  ▼

X  

CA16B2CNN Datasheet(PDF) 16 Page - Agere Systems

Part # CA16B2CNN
Description  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CA16B2CNN Datasheet(HTML) 16 Page - Agere Systems

Back Button CA16B2CNN Datasheet HTML 12Page - Agere Systems CA16B2CNN Datasheet HTML 13Page - Agere Systems CA16B2CNN Datasheet HTML 14Page - Agere Systems CA16B2CNN Datasheet HTML 15Page - Agere Systems CA16B2CNN Datasheet HTML 16Page - Agere Systems CA16B2CNN Datasheet HTML 17Page - Agere Systems CA16B2CNN Datasheet HTML 18Page - Agere Systems CA16B2CNN Datasheet HTML 19Page - Agere Systems CA16B2CNN Datasheet HTML 20Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
16
Agere Systems Inc.
CA16-Type 2.5 Gbits/s DWDM Transponder with
Advance Data Sheet
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
March 2001
Electrical Characteristics
Table 6. Power Supply Characteristics (Tc = 0 °C to 65 °C)
Table 7. Transmitter Electrical I/O Characteristics (TC = 0 °C to 65 °C, VCC = 3.3 V ± 5%)
1. 20% to 80%.
2. Internally biased and ac-coupled.
3. The transmitter is normally enabled and only requires an external voltage to disable.
4. The WDEA alarm becomes active when the optical wavelength deviates from the nominal center wavelength by more than 100 pm.
5. Set at 500 mV at nominal optical output power. Provides linear PO tracking (–3 dB = 250 mV, +3 dB = 1000 V).
6. Terminated into 200
Ω to GND and 100 Ω line-to-line.
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
3.13
3.3
3.47
V
dc Power Supply Current Drain
ICC
—
2000
—
mA
TEC Voltage
VTEC
3.0
3.3
3.5
V
TEC-Only Current Drain
TEC_ICC
—
0.6
1200
mA
Power Dissipation
PDISS
—<9
—
W
Parameter
Symbol
Logic
Min
Typ
Max
Unit
Parallel Input Clock
PICLKP/N
Diff.
LVPECL
153.90
155.52
157.00
MHz
Parallel Clock in Duty Cycle
—
—
40
—
60
%
Reference Clock Freq. Tolerance
TxREFCLKP/N
Diff.
LVPECL
–20
—
20
ppm
Reference Clock Input Duty Cycle
—
—
30
—
70
%
Reference Clock Rise and Fall Time1
tR, tF
——
—
0.5
ns
Reference Clock Signal Levels2:
Differential Input Signal Level,
∆VINDIFF
Single-ended Input Sig. Level,
∆VINSINGLE
Differential Input Resistance,
∆R
TxREFCLK
Diff.
LVPECL
300
150
80
—
—
100
1200
600
120
mV
mV
Ω
Input Data Signal Levels:
Input High, VIH
Input Low, VIL
Input Voltage Swing,
∆VIN
TxD[0:15]P/N
Diff.
LVPECL
VCC – 1.2
VCC – 2.0
300
—
—
—
VCC – 0.3
VCC – 1.5
—
V
V
mV
Transmitter Disable Input3
TxDIS
TTL (5 V)
2.0
—
5.0
V
Transmitter Enable Input3
TxEN
TTL (5 V)
0
—
0.8
V
Wavelength-Select Voltage:
Channel N Select, V
λN
Channel N – 1 Select, V
λN–1
WS
TTL
0
2.0
—
—
0.8
VCC
V
V
Wavelength Deviation Alarm:
Normal Mode, VNO-ALARM
Wavelength Alarm, VALARM
Alarm Setting (active-high)4
WDEA
TTL
0
4.5
–100
—
—
—
0.3
5
100
V
V
pm
Laser Degrade Alarm:
Normal Mode, VNO-ALARM
Laser Degraded, VALARM
LSRALM
TTL
4.5
0
—
—
5
0.3
V
V
Laser Power Monitor Output5
LPM
Analog
35
500
1000
mV
Phase Initialization:
Input High, VIH
Input Low, VIL
PHINIT
LVPECL
VCC – 1.0
VCC – 2.3
—
—
VCC – 0.57
VCC – 1.44
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com