Electronic Components Datasheet Search
  English  ▼

X  

CA16B2CNN Datasheet(PDF) 29 Page - Agere Systems

Part # CA16B2CNN
Description  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CA16B2CNN Datasheet(HTML) 29 Page - Agere Systems

Back Button CA16B2CNN Datasheet HTML 22Page - Agere Systems CA16B2CNN Datasheet HTML 23Page - Agere Systems CA16B2CNN Datasheet HTML 24Page - Agere Systems CA16B2CNN Datasheet HTML 25Page - Agere Systems CA16B2CNN Datasheet HTML 26Page - Agere Systems CA16B2CNN Datasheet HTML 27Page - Agere Systems CA16B2CNN Datasheet HTML 28Page - Agere Systems CA16B2CNN Datasheet HTML 29Page - Agere Systems CA16B2CNN Datasheet HTML 30Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
29
Agere Systems Inc.
Advance Data Sheet
CA16-Type 2.5 Gbits/s DWDM Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Ordering Information
* Other connectors may be made available.
Table 11. Ordering Information
† For specific order codes for these products, please contact your local Agere account manager.
Related Product Information
Code
Application
Connector
Comcode
CA16A2CAA
Unspecified wavelength (1800 ps-nm)
SC
108701475
CA16A2FAA
Unspecified wavelength (1800 ps-nm)
FC/PC
108701483
CA16A2Cnn
Specified wavelength (1800 ps-nm)
SC
—†
CA16A2Fnn
Specified wavelength (1800 ps-nm)
FC/PC
—†
CA16B2CAA
Unspecified wavelength (3000 ps-nm)
SC
108701491
CA16B2FAA
Unspecified wavelength (3000 ps-nm)
FC/PC
108701509
CA16B2Cnn
Specified wavelength (3000 ps-nm)
SC
—†
CA16B2Fnn
Specified wavelength (3000 ps-nm)
FC/PC
—†
Table 12. Related Product Information
Description
Document Number
Using the LucentTechnologiesTransponderTest Board Application Note
AP00-017OPTO
ORDER CODE:
16 XX X XX
CA
–
––
BASIC PART NUMBER
STM LEVEL
APPLICATION
16 = STM-16 (SONET OC-48)
A2 = 1800 ps-nm (100 km)
OPTIONS
CONNECTOR*
C = SC
F = FC
B2 = 3000 ps-n (170 km)
AA = Unspecified
17—61 = ITU frequency (191.7 THz—196.1 THz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com