Electronic Components Datasheet Search
  English  ▼

X  

CA16B2CNN Datasheet(PDF) 18 Page - Agere Systems

Part # CA16B2CNN
Description  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CA16B2CNN Datasheet(HTML) 18 Page - Agere Systems

Back Button CA16B2CNN Datasheet HTML 14Page - Agere Systems CA16B2CNN Datasheet HTML 15Page - Agere Systems CA16B2CNN Datasheet HTML 16Page - Agere Systems CA16B2CNN Datasheet HTML 17Page - Agere Systems CA16B2CNN Datasheet HTML 18Page - Agere Systems CA16B2CNN Datasheet HTML 19Page - Agere Systems CA16B2CNN Datasheet HTML 20Page - Agere Systems CA16B2CNN Datasheet HTML 21Page - Agere Systems CA16B2CNN Datasheet HTML 22Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18
18
Agere Systems Inc.
CA16-Type 2.5 Gbits/s DWDM Transponder with
Advance Data Sheet
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
March 2001
Timing Characteristics
Transmitter Data Input Timing
The CA16 transponder utilizes a unique FIFO to
decouple the internal and external (PICLK) clocks. The
FIFO can be initialized, which allows the system
designer to have an infinite PCLK-to-PICLK delay
through this interfacing logic (ASIC or commercial chip
set). The configuration of the FIFO is dependent upon
the I/O pins, which comprise the synch timing loop.
This loop is formed from PHERR to PHINIT and PCLK
to PICLK.
The FIFO can be thought of as a memory stack that
can be initialized by PHINT or LOCKDET. The PHERR
signal is a pointer that goes high when a potential tim-
ing mismatch is detected between PICLK and the inter-
nally generated PCLK clock. When PHERR is fed back
to PHINIT, it initializes the FIFO so that it does not over-
flow or underflow.
The internally generated divide-by-16 clock is used to
clock-out data from the FIFO. PHINIT and LOCKDET
signals will center the FIFO after the third PICLK pulse.
This is done to ensure that PICLK is stable. This
scheme allows the user to have an infinite PCLK to
PICLK delay through the ASIC. Once the FIFO is cen-
tered, the PCLK and PICLK can have a maximum drift of
±5 ns.
During normal operation, the incoming data is passed
from the PICLK input timing domain to the internally
generated divide-by-16 PCLK timing domain. Although
the frequency of PICLK and PCLK is the same, their
phase relationship is arbitrary. To prevent errors caused
by short setup or hold times between the two domains,
the timing generator circuitry monitors the phase rela-
tionship between PICLK and PCLK.
When an FIFO timing violation is detected, the phase
error (PHERR) signal pulses high. If the condition per-
sists, PHERR will remain high. When PHERR is fed
back into the PHINIT input (by shorting them on the
printed-circuit board [PCB]), PHINIT will initialize the
FIFO if PHINIT is held high for at least two byte clocks.
The initialization of the FIFO prevents PCLK and PICLK
from concurrently trying to read and write over the
same FIFO bank.
During realignment, one-to-three bytes (16 bits wide)
will be lost. Alternatively, the customer logic can take in
the PHERR signal, process it, and send an output to
the PHINIT input in such a way that only idle bytes are
lost during the initialization of the FIFO. Once the FIFO
has been initialized, PHERR will go inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com