Electronic Components Datasheet Search
  English  ▼

X  

CA16B2CNN Datasheet(PDF) 15 Page - Agere Systems

Part # CA16B2CNN
Description  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CA16B2CNN Datasheet(HTML) 15 Page - Agere Systems

Back Button CA16B2CNN Datasheet HTML 11Page - Agere Systems CA16B2CNN Datasheet HTML 12Page - Agere Systems CA16B2CNN Datasheet HTML 13Page - Agere Systems CA16B2CNN Datasheet HTML 14Page - Agere Systems CA16B2CNN Datasheet HTML 15Page - Agere Systems CA16B2CNN Datasheet HTML 16Page - Agere Systems CA16B2CNN Datasheet HTML 17Page - Agere Systems CA16B2CNN Datasheet HTML 18Page - Agere Systems CA16B2CNN Datasheet HTML 19Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
15
Agere Systems Inc.
Advance Data Sheet
CA16-Type 2.5 Gbits/s DWDM Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Optical Characteristics
Minimum and maximum values specified over operating case temperature range at 50% duty cycle data signal.
Typical values are measured at room temperature unless otherwise noted.
Table 4. OC-48/STM-16 Transmitter Optical Characteristics (Tc = 0 °C to 65 °C)
1. Output power definitions and measurements per ITU-T Recommendation G.957.
2. Full spectral width measured 20 dB down from the central wavelength peak under fully modulated conditions.
3. Ratio of the average output power in the dominant longitudinal mode to the power in the most significant side mode under fully modulated
conditions.
4. Ratio of logic 1 output power to logic 0 output power under fully modulated conditions.
5. GR-253-CORE, Synchronous Optical Network (SONET) Transport Systems: Common Generic Criteria.
6. ITU-T Recommendation G.957, Optical Interfaces for Equipment and Systems Relating to the Synchronous Digital Hierarchy.
Table 5. OC-48/STM-16 Receiver Optical Characteristics (Tc = 0 °C to 65 °C)
1. At 1310 nm, 1 x 10–10 BER, 223 – 1 pseudorandom data input.
Parameter
Symbol
Min
Typ
Max
Unit
Average Output Power:1
Long Reach (1.55 µm DFB laser)
Po
–2
0
3
dBm
Operating Wavelength:
Long Reach (1.55 µm DFB laser);
All 48 100 GHz ITU Grid Channels Available
λ
1528
—
1563
nm
Variation in Center Wavelength Over Operating
Temperature (EOL)
∆λ
–0.06
—
0.06
nm
Spectral Width:
Long Reach (DFB laser) 2
∆λ20
——
1nm
Side-mode Suppression Ratio (DFB laser) 3
SSR
30
—
—
dB
Extinction Ratio4
re
8.2
—
—
dB
Optical Rise and Fall Time:
CA16A2-Type
CA16B2-Type
tR, tF
—
—
—
—
140
130
ps
ps
Dispersion Penalty:
CA16A2-Type
CA16B2-Type
DP
—
—
—
—
2.0
2.0
dB
dB
Eye Mask of Optical Output 5, 6
Compliant with GR-253 and ITU-T G.957
Jitter Generation
Compliant with GR-253 and ITU-T G.958
Parameter
Symbol
Min
Typ
Max
Unit
Average Receiver Sensitivity1:
APD Receiver
PRMIN
–29
–34
—
dBm
Maximum Optical Power:
APD Receiver (long reach)
PRMAX
–8
–6
—
dBm
Link Status Switching Threshold:
APD Decreasing Light Input
LSTD
—
TBD
—
dBm
Link Status Response Time
—
3
—
100
µs
Optical Path Penalty
—
—
—
2
dB
Receiver Reflectance
—
—
—
–27
dB
Jitter Tolerance and Jitter Transfer
Compliant with GR-253 and ITU-T G.958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com