Electronic Components Datasheet Search
  English  ▼

X  

CA16B2CNN Datasheet(PDF) 13 Page - Agere Systems

Part # CA16B2CNN
Description  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CA16B2CNN Datasheet(HTML) 13 Page - Agere Systems

Back Button CA16B2CNN Datasheet HTML 9Page - Agere Systems CA16B2CNN Datasheet HTML 10Page - Agere Systems CA16B2CNN Datasheet HTML 11Page - Agere Systems CA16B2CNN Datasheet HTML 12Page - Agere Systems CA16B2CNN Datasheet HTML 13Page - Agere Systems CA16B2CNN Datasheet HTML 14Page - Agere Systems CA16B2CNN Datasheet HTML 15Page - Agere Systems CA16B2CNN Datasheet HTML 16Page - Agere Systems CA16B2CNN Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
Agere Systems Inc.
Advance Data Sheet
CA16-Type 2.5 Gbits/s DWDM Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Functional Description (continued)
Loopback Modes
The CA16-type transponder is capable of operating in
either of two loopback modes: diagnostic loopback or
line loopback.
Line Loopback
When LLOOP is pulled low, the received serial data
stream and recovered 2488.32 MHz serial clock from
the optical receiver are connected directly to the serial
data and clock inputs of the optical transmitter. This
establishes a receive-to-transmit loopback at the serial
line rate.
Diagnostic Loopback
When DLOOP is pulled low, a loopback path is estab-
lished from the transmitter to the receiver. In this mode,
the serial data from the parallel-to-serial converter and
the transmit serial clock is looped back to the serial-to-
parallel converter and the frame and byte detect cir-
cuitry, respectively.
Transponder Interfacing
The TxD[0:15]P/N, TxREFCLKP/N, and PICLKP/N
inputs and the RxQ[0:15]P/N, POCLKP/N, and PCLKP/
N outputs are high-speed (155 Mbits/s),LVPECL differ-
ential data and clock signals.To maintain optimum sig-
nal fidelity, these inputs and outputs must be
connected to their terminating devices via 50 ¾ con-
trolled-impedance transmission lines. The transmitter
inputs (TxD[0:15]P/N, TxREFCLKP/N, and PICLKP/N)
must be terminated as close as possible to the CA16
transponder connector with a Thevenin equivalent
impedance equal to 50
Ω terminated to Vcc – 2 V. The
receiver outputs (RxQ[0:15]P/N, POCLKP/N, and
PCLKP/N) must be terminated as close as possible to
the device (IC) that these signals interface to with a
Thevenin equivalent impedance equal to 50
Ω termi-
nated to Vcc – 2 V.
Figure 3, below, shows one example of the proper ter-
minations. Other methods may be used, provided they
meet the requirements stated above.
1-1054(F)
Figure 3. Transponder Interfacing
TxD[0:15]P
130
Ω
80
Ω
80
Ω
130
Ω
3.3 V
130
Ω
80
Ω
80
Ω
130
Ω
3.3 V
SONET/SDH
RxLINE
TxLINE
50
Ω IMPEDANCE
CA16-TYPE TRANSPONDER
TRANSMISSION LINES
50
Ω IMPEDANCE
TRANSMISSION LINES
INTERFACE IC
(LVPECL)
TxD[0:15]N
(LVPECL)
RxD[0:15]P
(LVPECL)
RxD[0:15]N
(LVPECL)
MUX
DEMUX
Tx
Rx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com