Electronic Components Datasheet Search
  English  ▼

X  

L9313 Datasheet(PDF) 8 Page - Agere Systems

Part # L9313
Description  Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9313 Datasheet(HTML) 8 Page - Agere Systems

Back Button L9313 Datasheet HTML 4Page - Agere Systems L9313 Datasheet HTML 5Page - Agere Systems L9313 Datasheet HTML 6Page - Agere Systems L9313 Datasheet HTML 7Page - Agere Systems L9313 Datasheet HTML 8Page - Agere Systems L9313 Datasheet HTML 9Page - Agere Systems L9313 Datasheet HTML 10Page - Agere Systems L9313 Datasheet HTML 11Page - Agere Systems L9313 Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Data Sheet
September 2001
Full-Feature SLIC and Ringing Relay for TR-57 Applications
L9313 Line Interface and Line Access Circuit
8
Agere Systems Inc.
Pin Information
12-3522g (F)
Figure 2. 44-Pin PLCC
Table 1. Pin Descriptions
Pin
Symbol
Type
Name/Function
1
LCTH
I
Loop Closure Program Input. Connect a voltage source to this point to program
the loop closure threshold. Voltage source may be external and must be connected
through a resistor, or derived via a resistor divider from VREF. A programmable
external voltage source may be used to provide software control of the loop closure
threshold.
2VREF
O
SLIC Internal Reference Voltage. Output of internal 2.35 V SLIC reference volt-
age.
3OVH
I
Overhead Voltage Program Input. Connect a voltage source to this point to pro-
gram the overhead voltage. Voltage source may be external or derived via a resistor
divider from VREF. A programmable external voltage source may be used to provide
software control of the overhead voltage. If a resistor or voltage source is not con-
nected, the overhead voltage will default to approximately 5.5 V (sufficient to pass
3.14 dBm in to 900
Ω). If the default overhead is desired, connect this pin to ground.
4VPROG
I
Current-Limit Program Input. Connect a voltage source to this point to program
the dc current limit. Voltage source may be external or derived via a resistor divider
from VREF. A programmable external voltage source may be used to provide soft-
ware control of the loop closure threshold.
5CF2
—
Filter Capacitor. Connect a capacitor from this node for filtering.
6CF1
—
Filter Capacitor. Connect a capacitor from this node to OVH to control the rate of
change of the overhead voltage. If controlled overhead is not desired, leave this
node open.
7FB2
—
Polarity Reversal Slowdown Capacitor. Connect a capacitor from this node to
ground to control the rate of battery reversal. If controlled battery reversal is not
desired, leave pin is open.
7
9
10
11
12
13
14
15
16
17
8
6
4
3
2
1 4443 4241 40
5
18
20 21 22 23 24 25 26 27 28
19
39
37
36
35
34
33
32
31
30
29
38
L9313AP
10
FB2
LCF
RPWR
VBAT1
VBAT1
BGND
TIE B
′
TIE A
′
NC
FB1
BGND
TXI
ITR
ICM
RGDET
DGND
VDD
LATCH
RESET
B0
NC
VTX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com