Electronic Components Datasheet Search
  English  ▼

X  

L9313 Datasheet(PDF) 36 Page - Agere Systems

Part # L9313
Description  Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9313 Datasheet(HTML) 36 Page - Agere Systems

Back Button L9313 Datasheet HTML 32Page - Agere Systems L9313 Datasheet HTML 33Page - Agere Systems L9313 Datasheet HTML 34Page - Agere Systems L9313 Datasheet HTML 35Page - Agere Systems L9313 Datasheet HTML 36Page - Agere Systems L9313 Datasheet HTML 37Page - Agere Systems L9313 Datasheet HTML 38Page - Agere Systems L9313 Datasheet HTML 39Page - Agere Systems L9313 Datasheet HTML 40Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Data Sheet
September 2001
Full-Feature SLIC and Ringing Relay for TR-57 Applications
L9313 Line Interface and Line Access Circuit
36
Agere Systems Inc.
ac Applications (continued)
First-Generation Codec ac Interface Network: Resistive Termination (continued)
Example 1, Real Termination (continued)
12-3521i (F)
Notes:
Termination impedance = 600
Ω.
Hybrid balance = 600
Ω.
Tx = 0 dBm.
Rx = 0 dBm.
Figure 15. Agere T7504 First-Generation Codec Resistive Termination, Single Battery Operation
RG1
FUSIBLE
50
Ω
CVBAT1
0.1
µF
VBAT1
RCVN
RTS
L9313
VBAT
FB2
CF2
0.015
µF
LCF
VTX
RCVP
RT3
140 k
Ω
RRCV
100 k
Ω
RHB1
100 k
Ω
VFXIN
RX
100 k
Ω
GSX
VFRO
DX
DR
FSE
FSEP
MCLK
ASEL
1/4 T7504
CODEC
CONTROL
INPUTS
PCM
HIGHWAY
SYNC
AND
CLOCK
–
+
ITR
CRTI
0.1
µF
AGND VDD
+2.4 V
CC2
0.1
µF
RGN
RGP
43.2 k
Ω
1 M
Ω
50
Ω
RRING
TRING
100 V—130 V
SECONDARY
OR PTC
FUSIBLE
OR PTC
RRTF
400
Ω
RINGING
SOURCE
CCC
0.1
µF
VCC
CDD
0.1
µF
VDD
AD
CTX
0.15
µF
RGX
6.34 k
Ω
CC1
0.33
µF
RT6
49.9 k
Ω
RSW
PT
PWR
VBAT2/VCC
BGND
VBAT1
TRGDET
ICM
DGND
TXI
VITR
PROTECTOR
180 V—330 V
SECONDARY
PROTECTOR
FB1
B2
B1
B0
CF2
MULTIPLEXED
DATA BUS
TO/FROM
MICROPROCESSOR
PER-LINE
TO/FROM
MICROPROCESSOR
PR
(GAIN OF 8)
NSTAT
RESET
LATCH
28.3 k
Ω
LCTH (10 mA)
VPROG (ILIMIT = 25 mA)
VREF
RVPROG
23.2 k
Ω
RVREF
86.7 k
Ω
OVH (5.5 VOH)
VREF
VREF
CF1
RLTCH
59 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com