Electronic Components Datasheet Search
  English  ▼

X  

L9313 Datasheet(PDF) 17 Page - Agere Systems

Part # L9313
Description  Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9313 Datasheet(HTML) 17 Page - Agere Systems

Back Button L9313 Datasheet HTML 13Page - Agere Systems L9313 Datasheet HTML 14Page - Agere Systems L9313 Datasheet HTML 15Page - Agere Systems L9313 Datasheet HTML 16Page - Agere Systems L9313 Datasheet HTML 17Page - Agere Systems L9313 Datasheet HTML 18Page - Agere Systems L9313 Datasheet HTML 19Page - Agere Systems L9313 Datasheet HTML 20Page - Agere Systems L9313 Datasheet HTML 21Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Data Sheet
September 2001
Full-Feature SLIC and Ringing Relay for TR-57 Applications
L9313 Line Interface and Line Access Circuit
Agere Systems Inc.
17
Electrical Characteristics (continued)
Analog Pin Characteristics
Table 7. Analog Pin Characteristics
* This parameter is not tested in production. It is guaranteed by design and device characterization.
Parameter
Min
Typ
Max
Unit
TXP (input impedance)
75
105
—k
Ω
VPROG Input Bias Current* (current flow out of pin)
—
–50
–250
nA
LCTH Input Bias Current* (+ current flows into pin)
—50
250
nA
VTX:
Output Offset
Output Drive Current
Output Voltage Swing (±1 mA load):
Maximum
Minimum
Output Short-circuit Current
Output Load Resistance
Output Load Capacitance
—
±1
AGND
AGND + 0.35
—
10
—
—
—
—
—
—
—
50
±40
—
VCC
VCC – 0.4
±50
—
—
mV
mA
V
V
mA
k
Ω
pF
VITR:
Output Offset
Output Drive Current
Output Voltage Swing (±1 mA load):
Maximum
Minimum
Output Short-circuit Current
Output Load Resistance
Output Load Capacitance
—
±1
AGND
AGND + 0.35
—
10
—
—
—
—
—
—
—
50
±100
—
VCC
VCC – 0.4
±50
—
—
mV
mA
V
V
mA
k
Ω
pF
RCVN and RCVP:
Input Voltage Range (VCC = 5.0 V)
Input Bias Current
0
—
—
—
VCC – 0.5
±1.5
V
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com