Electronic Components Datasheet Search
  English  ▼

X  

L9313 Datasheet(PDF) 6 Page - Agere Systems

Part # L9313
Description  Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9313 Datasheet(HTML) 6 Page - Agere Systems

Back Button L9313 Datasheet HTML 2Page - Agere Systems L9313 Datasheet HTML 3Page - Agere Systems L9313 Datasheet HTML 4Page - Agere Systems L9313 Datasheet HTML 5Page - Agere Systems L9313 Datasheet HTML 6Page - Agere Systems L9313 Datasheet HTML 7Page - Agere Systems L9313 Datasheet HTML 8Page - Agere Systems L9313 Datasheet HTML 9Page - Agere Systems L9313 Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Data Sheet
September 2001
Full-Feature SLIC and Ringing Relay for TR-57 Applications
L9313 Line Interface and Line Access Circuit
6
Agere Systems Inc.
Description (continued)
A programmable external voltage source may be used
to provide software control of the overhead. The rate of
change of the overhead voltage may be controlled by
use of a single external capacitor at the CF1 node. If the
rate of change is uncontrolled, there may be audible
noise associated with this transition. Design equations
for this feature are given in the dc Characteristics sec-
tion of this data sheet.
If the overhead is not programmed via a resistor, the
device develops a default overhead adequate for a
3.14 dBm overload into 900
Ω. For the default over-
head, OVH is connected to ground.
Data control is via a parallel latched data control
scheme. Data latches are edge-level sensitive. Data is
latched in when the LATCH control input goes low.
While LATCH is low, the user cannot change the data
control inputs. The data control inputs may only be
changed when LATCH is high.
Incorporation of data latches allows for data control
information and loop supervision information to be
passed to and from the SLIC via data buses rather than
on a per-line basis, thus minimizing routing complexity
and board routing area.
A device RESET pin is included. When this pin is low,
the logic inputs are overridden and the device will be
reset into SLIC forward disconnect state and the switch
into the all-off state. NSTAT is forced to the on-hook
condition when RESET is low.
The overall device protection is achieved through a
combination of an external secondary protector, along
with an integrated thermal shutdown feature, a battery
voltage window comparator, the break switch foldback
characteristic, and the dc/dynamic current-limit
response of the break and tip return switches.
For protection against long duration fault conditions,
such as power cross and tip/ring shorts, a thermal shut-
down mechanism is integrated into the device. Upon
reaching the thermal shutdown temperature, the device
will enter an all-off mode. Upon cooling, the device will
re-enter the state it was in prior to thermal shutdown.
Hysteresis is built in to prevent oscillation. During this
mode, the NSTAT supervision output overrides the
actual loop status and forces an off-hook.
The line break switches and tip return switch are
current-limited switches. The current-limit mechanism
limits current through the switch to the specified dc cur-
rent limit under low frequency or dc faults (power cross
and/or tip/ring to ground short) and limits the current to
the specified dynamic current-limit response under
transient faults, such as lightning.
A foldover characteristic is incorporated into the line
break switches within their I-V curve. Under voltage
conditions higher than the normal operating range,
such as may be seen under an extreme lightning or
power cross fault condition, the line break switch will
fold over into a low-current state. This feature allows for
more relaxed specifications on the ring side protector,
thus allowing for higher-voltage ringing signals. (Tip
side protector is limited by the requirements on the tip
return switch.) This feature is part of the overall device
protection scheme.
This device uses a window comparator to force an all-
off condition if the battery drops below, or rises above,
a specified threshold.
Upon loss of VBAT1, the L9313 will automatically enter
an all-off mode. The device will enter this mode if the
magnitude of the battery drops below a nominal 15 V
and will remain in this mode until the magnitude of the
battery rises above a typical 20 V. During this mode,
the NSTAT supervision output will override the actual
hook status and force an off-hook or logic low.
When the device is in the scan mode, because of the
design of the scan clamp circuit, common-mode cur-
rent can be forced into or out of the battery supply.
Because of this, and depending upon power supply
design, the magnitude of the battery may rise above
the maximum operating condition during extended lon-
gitudinal currents or during a power cross fault condi-
tion. To prevent excess current from being forced into
or out of the battery, if the magnitude of the battery
rises typically above 75 V to 80 V, the device will enter
an all-off state. The device will remain in the all-off state
until the magnitude of the battery drops into the normal
operating range. During this mode, the NSTAT supervi-
sion output will override the actual hook status and
force an off-hook or logic low.
See the Protection section of this data sheet for more
details on device protection. Please contact your Agere
Account Representative for a recommended secondary
protection device.
Longitudinal balance is consistent with North American
TR-57 requirements.
Transmit and receive gains have been chosen to mini-
mize the number of external components required in
the SLIC-codec ac interface, regardless of the choice
of codec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com