Electronic Components Datasheet Search
  English  ▼

X  

L9313 Datasheet(PDF) 1 Page - Agere Systems

Part # L9313
Description  Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9313 Datasheet(HTML) 1 Page - Agere Systems

  L9313 Datasheet HTML 1Page - Agere Systems L9313 Datasheet HTML 2Page - Agere Systems L9313 Datasheet HTML 3Page - Agere Systems L9313 Datasheet HTML 4Page - Agere Systems L9313 Datasheet HTML 5Page - Agere Systems L9313 Datasheet HTML 6Page - Agere Systems L9313 Datasheet HTML 7Page - Agere Systems L9313 Datasheet HTML 8Page - Agere Systems L9313 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Data Sheet
September 2001
L9313 Line Interface and Line Access Circuit
Full-Feature SLIC and Ringing Relay for TR-57 Applications
Introduction
The Agere Systems Inc. L9313 is a combination full-
feature, ultralow-power SLIC, solid-state ringing
access relay, and line test matrix. It is part of a pin-
for-pin compatible family of devices designed to
serve a wide variety of applications. The L9313 is
optimized for TR-57 applications where forward and
reverse battery and ground start are required.
Features
SLIC
s
5 V and battery operation
s
Optional automatic battery switch
s
Seven operational modes
s
Appropriate for 58 dB longitudinal balance applica-
tions
s
Minimal external components required at all inter-
faces
s
Ultralow power dissipation
s
Software/hardware adjustable dc parameters and
supervision thresholds
s
Ground start compatible
Solid-State Ring Relay
s
Low impulse noise
s
Current-limited switches/thermal protection
Applications
s
Pair Gain
s
Digital Loop Carrier (DLC)
s
Central Office (CO)
s
Fiber-in-the-Loop (FITL)
Description
The L9313 electronic line interface and line access
circuit (LILAC) provides all the functions that are nec-
essary to interface a codec to the tip and ring of a
subscriber loop, integrating the battery feed and ring-
ing access relay in one low-power, low-cost package.
The L9313 requires a 5 V and battery supply to oper-
ate. Included is an automatic battery switch. The bat-
tery feed offers forward and reverse battery, on-hook
transmission, and ground start operational modes. It
also has a low-power scan and a disconnect mode.
In all operating states, this IC is designed for minimal
power dissipation. This device is designed to mini-
mize the number of external components required at
all interfaces.
The dc template, current limit, and overhead voltage
and loop supervision threshold are programmable via
an applied voltage source. The voltage source may
be an external programmable voltage source or
derived from the VREF SLIC output.
The integrated solid-state switch offers power ringing
access. Impulse noise is minimized, thus eliminating
the need for external zero-cross switching circuitry.


Similar Part No. - L9313

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9310 AGERE-L9310 Datasheet
1Mb / 60P
Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
July 2001
L9311 AGERE-L9311 Datasheet
852Kb / 50P
Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
July 2001
L9312 AGERE-L9312 Datasheet
709Kb / 40P
Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
July 2001
More results

Similar Description - L9313

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8574D AGERE-L8574D Datasheet
489Kb / 36P
L8574D Resistive Subscriber Line Interface Circuit(SLIC), Ring Relay,and Protector(SRP)for Long Loop and TR-57 Applications
October 1998
L9310 AGERE-L9310 Datasheet
1Mb / 60P
Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
July 2001
L9311 AGERE-L9311 Datasheet
852Kb / 50P
Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
July 2001
L9312 AGERE-L9312 Datasheet
709Kb / 40P
Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
July 2001
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
Ringing Subscriber Line Interface Circuit
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
SLIC Subscriber Line Interface Circuit
May 1997
logo
Advanced Micro Devices
AM79R79 AMD-AM79R79 Datasheet
340Kb / 20P
Ringing Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
July 2003
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70_1 Datasheet
355Kb / 20P
Ringing Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com