Electronic Components Datasheet Search
  English  ▼

X  

L9313 Datasheet(PDF) 26 Page - Agere Systems

Part # L9313
Description  Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9313 Datasheet(HTML) 26 Page - Agere Systems

Back Button L9313 Datasheet HTML 22Page - Agere Systems L9313 Datasheet HTML 23Page - Agere Systems L9313 Datasheet HTML 24Page - Agere Systems L9313 Datasheet HTML 25Page - Agere Systems L9313 Datasheet HTML 26Page - Agere Systems L9313 Datasheet HTML 27Page - Agere Systems L9313 Datasheet HTML 28Page - Agere Systems L9313 Datasheet HTML 29Page - Agere Systems L9313 Datasheet HTML 30Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Data Sheet
September 2001
Full-Feature SLIC and Ringing Relay for TR-57 Applications
L9313 Line Interface and Line Access Circuit
26
Agere Systems Inc.
Applications (continued)
dc Characteristics (continued)
Power Control Resistor (continued)
Again assume:
TTSD – TAMBIENT(max) = allowed thermal rise
150
°C – 85 °C = 65 °C
Allowed thermal rise =
package thermal impedance x SLIC power dissipation
65
°C = 38 °C/W x SLIC power dissipation
Allowed SLIC power dissipation (PD) = 1.71 W
This time, assume a maximum ambient operating tem-
perature of 85
°C, a maximum current limit of 45 mA
(including tolerance), and a maximum battery of –56 V.
Again, assume a (worst-case) minimum dc loop of 0
Ω
and that 50
Ω protection resistors are used. Assume
the handset is 200
Ω:
Total PD = (56 V x 45 mA) + 0.100 W
Total PD = 2.34 W + 0.100 W
Total PD = 2.4375 W
Again, the power dissipated in the SLIC is the total
power dissipation less the power that is dissipated in
the loop.
SLIC PD = total power – loop power
Loop power = (ILIM)2 x (RLOOPdcmin + 2RP + RHANDSET)
Loop power = (45 mA)2 x (0
Ω + 100 Ω + 200 Ω)
Loop power = 0.6075 W
SLIC power = 2.4375 W – 0.6075 W
SLIC power = 1.83 W > 1.5 W
Under these extreme conditions, thermal margin is
increased via an external power control resistor.
The power dissipated in the power control resistor is
calculated by:
PPRW =
where in this example:
PPRW is power in the resistor
VBAT = –52 V
VLOOP = ILIM * (RLOOP + RPROT)
VROH is the ring-side overhead voltage of the SLIC.
Since this device is dc unbalanced, the tip side over-
head will remain typically at –2 V and the ring side over-
head will vary with the voltage at VOH. For the total tip/
ring default overhead of 5.5 V, the ring overhead is typi-
cally 3.5 V.
Overhead Voltage
Overhead is programmable in the active mode via an
applied voltage source at the device’s OVH control
input. The voltage source may be an external voltage
source or derived via a resistor divider network from
the VREF SLIC output or an external voltage source. A
programmable external voltage source may be used to
provide software control of the overhead voltage.
The overhead voltage (VOH) is related to the OVH volt-
age by:
VOH = 5.5 V + 5 x VOVH (V)
Overall accuracy is determined by the accuracy of the
voltage source and the accuracy of any external resis-
tor divider network used and voltage offsets due to the
specified input bias current. If a resistor divider from
VREF is used, lower magnitude resistor will give a more
accurate result due to a lower offset associated with
the input bias current; however, lower value resistors
will also draw more power from VREF. The sum of pro-
gramming resistors should be between 75 k
Ω and
200 k
Ω.
Note that a default overhead voltage of 5.5 V is
achieved by shorting input pin OVH to analog ground.
Internally, the SLIC needs typically 2 V from each sup-
ply rail to bias the amplifier circuitry. This can be
thought of as an internal saturation voltage.
The default overhead provides sufficient headroom for
on-hook transmission of a 3.14 dBm signal into 900
Ω.
3.14 = 10 log
V = 1.36 V, which is required over and above the inter-
nal saturation voltage for signal swing.
1.36 V + 4 V = 5.36 V < 5.5 V default overhead; thus, a
3.14 dBm into 900
Ω signal is passed without clipping
distortion.
The overhead voltage accuracy achieved will not only
be affected by the accuracy of the internal SLIC cir-
cuitry, but also by the accuracy of the voltage source
and the accuracy of any external resistor divider net-
work used.
In the scan mode, overhead is unaffected by VOVH and
internally fixed by the scan clamp circuitry to within the
specified limits.
VBAT
VROH
–
VLOOP
–
()2
RPWR
----------------------------------------------------------------------
V
2
0.9
---------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com