Electronic Components Datasheet Search
  English  ▼

X  

L9313 Datasheet(PDF) 20 Page - Agere Systems

Part # L9313
Description  Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9313 Datasheet(HTML) 20 Page - Agere Systems

Back Button L9313 Datasheet HTML 16Page - Agere Systems L9313 Datasheet HTML 17Page - Agere Systems L9313 Datasheet HTML 18Page - Agere Systems L9313 Datasheet HTML 19Page - Agere Systems L9313 Datasheet HTML 20Page - Agere Systems L9313 Datasheet HTML 21Page - Agere Systems L9313 Datasheet HTML 22Page - Agere Systems L9313 Datasheet HTML 23Page - Agere Systems L9313 Datasheet HTML 24Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Data Sheet
September 2001
Full-Feature SLIC and Ringing Relay for TR-57 Applications
L9313 Line Interface and Line Access Circuit
20
Agere Systems Inc.
Electrical Characteristics (continued)
Switch Characteristics
Table 11. Break Switches (SW1, 2)
1. At 25
°C, maximum voltage rating has a temperature coefficient of 0.167 V/°C.
2. This parameter is not tested in production. It is guaranteed by design and device characterization.
3. Applied voltage is 100 Vp-p square wave at 100 Hz to measure dV/dT sensitivity.
Table 12. Ring Return Switch (SW3)
1.
At 25
°C, maximum voltage rating has a temperature coefficient of 0.167 V/°C.
2
. This parameter is not tested in production. It is guaranteed by design and device characterization.
3
. Applied voltage is 100 Vp-p square wave at 100 Hz to measure dV/dT sensitivity.
Parameter
Min
Typ
Max
Unit
Off State:
Maximum Differential Voltage
dc Leakage Current (Vsw = ±320 V)
—
—
—
—
±3201
±20
V
µA
On State (see On-State I-V Switch Characteristics section):
Resistance
Maximum Differential Voltage (VMAX)2
Foldback Voltage Breakpoint 1 (V1)
Foldback Voltage Breakpoint 2 (V2)
dc Current Limit 1 (ILIMIT1)
dc Current Limit 2 (ILIMIT2)
Dynamic Current Limit
10 x 700
µs, 1000 V Applied Surge T < 0.5 µs
—
—
72
V1 + 0.5
105
2
—
18
—
—
—
250
—
2.5
28
320
—
—
450
—
—
Ω
V
V
V
mA
mA
A
dV/dT Sensitivity2, 3
—
200
—V/µs
Parameter
Min
Typ
Max
Unit
Off State:
Maximum Differential Voltage
dc Leakage Current (Vsw = ±320 V)
—
—
—
—
±3201
±20
V
µA
On State (see On-State Switch I-V Characteristics section):
Resistance
Maximum Differential Voltage (VMAX)2
dc Current Limit
Dynamic Current Limit
10 x 700
µs, 1000 V Applied Surge T = 0.5 µs
—
—
—
—
60
—
200
2.5
100
130
—
—
Ω
V
mA
A
dV/dT Sensitivity2, 3
—
200
—V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com