Electronic Components Datasheet Search
  English  ▼

X  

L9313 Datasheet(PDF) 39 Page - Agere Systems

Part # L9313
Description  Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9313 Datasheet(HTML) 39 Page - Agere Systems

Back Button L9313 Datasheet HTML 32Page - Agere Systems L9313 Datasheet HTML 33Page - Agere Systems L9313 Datasheet HTML 34Page - Agere Systems L9313 Datasheet HTML 35Page - Agere Systems L9313 Datasheet HTML 36Page - Agere Systems L9313 Datasheet HTML 37Page - Agere Systems L9313 Datasheet HTML 38Page - Agere Systems L9313 Datasheet HTML 39Page - Agere Systems L9313 Datasheet HTML 40Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Data Sheet
September 2001
Full-Feature SLIC and Ringing Relay for TR-57 Applications
L9313 Line Interface and Line Access Circuit
Agere Systems Inc.
39
ac Applications (continued)
Third-Generation Codec ac Interface Network: Complex Termination (continued)
Table 18. L9313 Parts List for Agere T8536 Third-Generation Codec, Dual Battery Operation, ac and dc
Parameters, Fully Programmable
* See your Agere Account Representative for a recommended secondary protection device.
Name
Value
Tolerance
Rating
Function
Fault Protection
RPR
50
Ω
1%
Fusible or
PTC
Protection resistor.
RPT
50
Ω
1%
Fusible or
PTC
Protection resistor.
Protector*
180 V to 320 V
—
—
Ring-side secondary protector.
Protector*
100 V to 130 V
—
—
Tip-side secondary protector.
Power Supply
Diode
1N4004
—
—
Reverse battery current.
CVBAT1
0.1
µF
20%
100 V
Filter capacitor.
CVBAT2
0.1
µF
20%
50 V
Filter capacitor.
CCC
0.1
µF
20%
10 V
Filter capacitor.
CDD
0.1
µF
20%
10 V
Filter capacitor.
CF2
0.015
µF
20%
100 V
Filter capacitor.
Supervision
CRTF
0.1
µF
20%
100 V
Ring trip filter capacitor.
RRTF
1 M
Ω
1%
1/16 W
Ring trip filter resistor.
RRS1
400
Ω
5%
2 W
Sets ring trip threshold.
ac Interface
RGX
6.34 k
Ω
1%
1/16 W
Sets T/R to VITR transconductance.
RCIN
20 M
Ω
5%
1/16 W
dc bias.
CTX
0.15
µF
20%
10 V
ac/dc separation.
CC1
0.33
µF
20%
10 V
dc blocking capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com