| Electronic Components Datasheet Search |
|
L9313 Datasheet(PDF) 3 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
L9313 Datasheet(HTML) 3 Page - Agere Systems |
|
3 / 40 page ![]() Data Sheet September 2001 Full-Feature SLIC and Ringing Relay for TR-57 Applications L9313 Line Interface and Line Access Circuit Agere Systems Inc. 3 Table of Contents (continued) Figures Page Figure 1. Architecture Diagram................................... 7 Figure 2. 44-Pin PLCC ............................................... 8 Figure 3. Timing Requirements ................................ 19 Figure 4. On-State Switch I-V Characteristics .......... 21 Figure 5. Basic Test Circuit ...................................... 22 Figure 6. Metallic PSRR ........................................... 23 Figure 7. Longitudinal PSRR .................................... 23 Figure 8. Longitudinal Balance ................................. 23 Figure 9. Longitudinal Impedance ............................ 23 Figure 10. ac Gains .................................................. 23 Figure 11. L9313 Loop/Battery Current (with Battery Switch) vs. Loop Resistance ................... 25 Figure 12. Tip/Ring Voltage ..................................... 27 Figure 13. L9313 Loop Current vs. Loop Voltage..... 28 Figure 14. ac Equivalent Circuit................................ 35 Figure 15. Agere T7504 First-Generation Codec Resistive Termination, Single Battery Operation .................................... 36 Figure 16. L9313 for Agere T8536 Third-Generation Codec, Dual Battery Operation, ac and dc Parameters, Fully Programmable............ 38 Tables Page Table 1. Pin Descriptions ........................................... 8 Table 2. Control States ............................................. 10 Table 3. Supervision Coding ......................................11 Table 4. Device Operating Conditions and Powering ..................................................... 14 Table 5. Ring Trip Detector ....................................... 15 Table 6. SLIC Two-Wire Port .................................... 16 Table 7. Analog Pin Characteristics .......................... 17 Table 8. ac Feed Characteristics .............................. 18 Table 9. Logic Inputs and Outputs ............................ 19 Table 10. Timing Requirements ................................ 19 Table 11. Break Switches (SW1, 2) .......................... 20 Table 12. Ring Return Switch (SW3) ........................ 20 Table 13. Ringing Access Switch (SW4) .................. 21 Table 14. Typical Active Mode On- to Off-Hook Tip/Ring Current-Limit Transient Response .................................................. 27 Table 15. FB1/FB2 Values vs. Typical Ramp Time .......................................................... 28 Table 16. Break-Before-Make Logic Control Sequence Device Switching ....................................... 30 Table 17. L9313 Parts List for Agere T7504 First-Generation Codec Resistive Termina- tion, Single Battery Operation ................... 37 Table 18. L9313 Parts List for Agere T8536 Third-Generation Codec, Dual Battery Operation, ac and dc Parameters, Fully Programmable........................................... 39 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |